Electronic Components Datasheet Search
  English  ▼

X  

TDA8787 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8787
Description  10-bit, 3.0 V analog-to-digital interface for CCD cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8787 Datasheet HTML 1Page - NXP Semiconductors TDA8787 Datasheet HTML 2Page - NXP Semiconductors TDA8787 Datasheet HTML 3Page - NXP Semiconductors TDA8787 Datasheet HTML 4Page - NXP Semiconductors TDA8787 Datasheet HTML 5Page - NXP Semiconductors TDA8787 Datasheet HTML 6Page - NXP Semiconductors TDA8787 Datasheet HTML 7Page - NXP Semiconductors TDA8787 Datasheet HTML 8Page - NXP Semiconductors TDA8787 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1998 Oct 15
2
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V analog-to-digital interface for
CCD cameras
TDA8787
FEATURES
• Correlated Double Sampling (CDS), Automatic Gain
Control (AGC), 10-bit Analog-to-Digital Converter (ADC)
and reference regulator included
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 18 MHz
• AGC gain range of 36 dB (in steps of 0.1 dB)
• Low power consumption of only 190 mW (typ.)
• Power consumption in standby mode of 4.5 mW (typ.)
• 3.0 V operation and 2.5 to 3.6 V operation for the digital
outputs
• Active control pulses polarity selectable via serial
interface
• 8-bit DAC included for analog settings
• TTL compatible inputs, CMOS compatible outputs.
APPLICATIONS
• Low-power, low-voltage CCD camera systems.
GENERAL DESCRIPTION
The TDA8787 is a 10-bit analog-to-digital interface for
CCD cameras. The device includes a correlated double
sampling circuit, AGC and a low-power 10-bit ADC
together with its reference voltage regulator.
AGC gain is controlled via the serial interface.
The ADC input clamp level is controlled via the serial
interface.
An additional DAC is provided for additional system
controls; its output voltage range is 1.0 V (p-p) which is
available at pin OFDOUT.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCCA
analog supply voltage
2.7
3.0
3.6
V
VCCD
digital supply voltage
2.7
3.0
3.6
V
VCCO
digital outputs supply voltage
2.5
2.6
3.6
V
ICCA
analog supply current
all clamps active
−
55
70
mA
ICCD
digital supply current
−
811
mA
ICCO
digital outputs supply current
fpix = 18 MHz; CL =20pF;
input ramp response time is 800
µs
−
12mA
ADCres
ADC resolution
−
10
−
bits
Vi(CDS)(p-p)
maximum CDS input voltage
(peak-to-peak value)
VCC = 2.85 V
650
−−
mV
VCC ≥ 3.0 V
800
−−
mV
fpix(max)
maximum pixel rate
18
−−
MHz
fpix(min)
minimum pixel rate
5
−−
MHz
DRAGC
AGC dynamic range
−
36
−
dB
Ntot(rms)
total noise from CDS input to
ADC output
AGC gain = 0 dB; see Fig.8
−
0.25
−
LSB
Ptot
total power consumption
VCCA =VCCD =VCCO =3V
−
190
−
mW
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8787HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com