Electronic Components Datasheet Search
  English  ▼

X  

DS4160 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4160
Description  DS4-XO Series Crystal Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4160 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4160 Datasheet HTML 1Page - Maxim Integrated Products DS4160 Datasheet HTML 2Page - Maxim Integrated Products DS4160 Datasheet HTML 3Page - Maxim Integrated Products DS4160 Datasheet HTML 4Page - Maxim Integrated Products DS4160 Datasheet HTML 5Page - Maxim Integrated Products DS4160 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .......................................-0.3V, +4V
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range ...............................-55
°C to +85°C
Soldering Temperature Profile
(3 passes max of reflow).................See IPC/JEDEC J-STD-020
Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
(Note 1)
3.135
3.3
3.465
V
ICC_D
LVDS, output loaded or unloaded
50
70
ICC_PU
LVPECL, output unloaded
45
65
Operating Current
ICC_PI
LVPECL, output load 50
at VCC - 2.0V
70
95
mA
Output Frequency
fOUT
fNOM
MHz
Oscillator Startup Time
tSTARTUP
(Note 2)
50
ms
Frequency Stability
fTOTAL
Over temperature range, aging, load,
supply, and initial tolerance (Note 3)
-50
fNOM
+50
ppm
Frequency Stability Over
Temperature with Initial Tolerance
fTEMP
VCC = 3.3V
-35
+35
ppm
Initial Tolerance
fINITIAL
VCC = 3.3V, TA = +25°C
±20
ppm
Frequency Change Due to VCC
fVCC
VCC = 3.3V ±5%
-3
+3
ppm/V
Frequency Change Due to Load
Variation
fLOAD
±10% variation in termination
resistance
±1
ppm
Aging (15 Years)
fAGING
-7
+7
ppm
Integrated phase RMS; 12kHz to 5MHz,
VCC = 3.3V, TA = +25°C
< 0.5
Integrated phase RMS; 12kHz to 20MHz,
VCC = 3.3V, TA = +25°C
< 0.6
Jitter
JRMS
Integrated phase RMS; 12kHz to 80MHz,
VCC = 3.3V, TA = +25°C
< 1.0
ps
Input-Voltage High (OE)
VIH
(Note 1)
0.7 x
VCC
VCC
V
Input-Voltage Low (OE)
VIL
(Note 1)
0
0.3 x
VCC
V
Input Leakage (OE)
ILEAK
GND
OE
VCC
-50
+5.0
μA
DS4-XO Series Crystal Oscillators



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com