Electronic Components Datasheet Search
  English  ▼

X  

TDA8790 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8790
Description  8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8790 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8790 Datasheet HTML 4Page - NXP Semiconductors TDA8790 Datasheet HTML 5Page - NXP Semiconductors TDA8790 Datasheet HTML 6Page - NXP Semiconductors TDA8790 Datasheet HTML 7Page - NXP Semiconductors TDA8790 Datasheet HTML 8Page - NXP Semiconductors TDA8790 Datasheet HTML 9Page - NXP Semiconductors TDA8790 Datasheet HTML 10Page - NXP Semiconductors TDA8790 Datasheet HTML 11Page - NXP Semiconductors TDA8790 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Feb 21
8
Philips Semiconductors
Product specification
8-bit, 40 Msps 2.7 to 5.5 V universal
analog-to-digital converter
TDA8790
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 1 ns.
2. Analog input voltages producing code 0 up to and including 256:
a) VosB (voltage offset BOTTOM) is the difference between the analog input which produces data equal to 00 and
the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) VosT (voltage offset TOP) is the difference between VRT (reference voltage TOP) and the analog input which
produces data outputs equal to 256 at Tamb =25 °C.
SIGNAL-TO-NOISE RATIO; see Fig.9; note 6
S/N
signal-to-noise ratio (full scale)
without harmonics;
fclk = 40 MHz;
fi = 4.43 MHz
−
47
−
dB
EFFECTIVE BITS; see Fig.9; note 6
EB
effective bits
fclk = 40 MHz
fi = 300 kHz
−
7.8
−
bits
fi = 4.43 MHz
−
7.3
−
bits
DIFFERENTIAL GAIN; see note 7
Gdiff
differential gain
fclk = 40 MHz;
PAL modulated ramp
−
1.5
−
%
DIFFERENTIAL PHASE; see note 7
ϕdiff
differential phase
fclk = 40 MHz;
PAL modulated ramp
−
0.25
−
deg
Timing (fclk = 40 MHz; CL = 20 pF); see Fig.4; note 8
tds
sampling delay time
−−
5ns
th
output hold time
5
−−
ns
td
output delay time
VDDO = 4.75 V
8
12
15
ns
VDDO = 3.15 V
8
17
20
ns
VDDO = 2.7 V
8
18
21
ns
3-state sleep mode delay times; see Fig.5
tdZH
enable HIGH
−
14
18
ns
tdZL
enable LOW
−
16
20
ns
tdHZ
disable HIGH
−
16
20
ns
tdLZ
disable LOW
−
14
18
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com