Electronic Components Datasheet Search
  English  ▼

X  

GI31C Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI31C
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI31C Datasheet(HTML) 1 Page - GTM CORPORATION

  GI31C Datasheet HTML 1Page - GTM CORPORATION GI31C Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
I31C
Page: 1/2
ISSUED DATE :2005/05/12
REVISED DATE :
G
G II3311C
C
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I31C is designed for use in general purpose amplifier and switching applications.
Features
*Complementary to G
I32C
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
3
A
Collector Current (Pulse)
IC
5
A
Junction Temperature
Tj
+150
:
Storage Temperature
TsTG
-55 ~ +150
:
PD
2
W
Total Power Dissipation
PD(TC=25 )
:
15
W
Electrical Characteristics (Rating at Ta=25 :::: )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=1mA, IE=0
BVCEO
100
-
-
V
IC=30mA, IB=0
BVEBO
5
-
-
V
IE=100uA, IC=0
ICES
-
-
20
uA
VCE=100V, VEB=0V
ICEO
-
-
50
uA
VCE=60V, IB=0
IEBO
-
-
1
mA
VEB=5V, IC=0
*VCE(sat)
-
-
1.2
V
IC =3A, IB=375mA
*VBE(on)
-
-
1.8
V
VCE=4V, IC=3A
*hFE1
25
-
-
VCE=4V, IC=1A
*hFE2
10
-
50
VCE=4V, IC=3A
fT
3
-
-
MHz
VCE=10V, IC=500mA, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
TO-251


Similar Part No. - GI31C

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI31C ETL-GI31C Datasheet
151Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GI31C

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com