Electronic Components Datasheet Search
  English  ▼

X  

TDA8792 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8792
Description  3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8792 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8792 Datasheet HTML 1Page - NXP Semiconductors TDA8792 Datasheet HTML 2Page - NXP Semiconductors TDA8792 Datasheet HTML 3Page - NXP Semiconductors TDA8792 Datasheet HTML 4Page - NXP Semiconductors TDA8792 Datasheet HTML 5Page - NXP Semiconductors TDA8792 Datasheet HTML 6Page - NXP Semiconductors TDA8792 Datasheet HTML 7Page - NXP Semiconductors TDA8792 Datasheet HTML 8Page - NXP Semiconductors TDA8792 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Feb 21
4
Philips Semiconductors
Product specification
3.3 V, 25 MHz 8-bit
analog-to-digital converter (ADC)
TDA8792
PINNING
SYMBOL
PIN
DESCRIPTION
STDBY
1
standby input
VDDD
2
digital supply voltage (+3.3 V)
VSSD2
3
digital ground 2
VSSA1
4
analog ground 1
VI
5
analog input voltage
VDDA
6
analog supply voltage (+3.3 V)
Ibias
7
bias current input
VRT
8
reference voltage TOP input
VRM
9
reference voltage MIDDLE
VRB
10
reference voltage BOTTOM input
n.c.
11
not connected
VSSA2
12
analog ground 2
OE
13
output enable input (CMOS level
input, active LOW)
D0
14
data output; bit 0 (LSB)
D1
15
data output; bit 1
D2
16
data output; bit 2
D3
17
data output; bit 3
D4
18
data output; bit 4
D5
19
data output; bit 5
D6
20
data output; bit 6
D7
21
data output; bit 7 (MSB)
VDDO
22
positive supply voltage for output
stage (+3.3 V)
VSSO
23
output ground
CLK
24
clock input
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TDA8792
CLK
V
STDBY
V
n.c.
D1
D7
D6
D5
D4
D3
D2
D0
OE
V
I bias
VRM
V RB
MLD120 - 1
VRT
DDD
VSSD2
V
SSA1
V
SSA2
V
DDA
V
I
SSO
DDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com