Electronic Components Datasheet Search
  English  ▼

X  

GI7806 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GI7806
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI7806 Datasheet(HTML) 2 Page - GTM CORPORATION

  GI7806 Datasheet HTML 1Page - GTM CORPORATION GI7806 Datasheet HTML 2Page - GTM CORPORATION GI7806 Datasheet HTML 3Page - GTM CORPORATION GI7806 Datasheet HTML 4Page - GTM CORPORATION GI7806 Datasheet HTML 5Page - GTM CORPORATION GI7806 Datasheet HTML 6Page - GTM CORPORATION GI7806 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
G
I78XX
Page: 2/7
ISSUED DATE :2004/08/24
REVISED DATE :2005/12/06C
Electrical Characteristics
G
I7805 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=10V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
4.85
5.0
5.15
VO
B-Rank (5%)
4.75
-
5.25
V
Vin=10V, Io=500mA, Tj=25 :
7.5V Vin 20V, 5mA Io 1A, PD 15W
-
3
50
7V Vin 25V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
1
25
mV
8V Vin 12V, Io=500mA, Tj=25 :
-
-
100
Vin=10V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
-
50
mV
Vin=10V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
8.0
mA
Vin=10V, Io=500mA, Tj=25 :
-
-
0.5
Vin=10V, 5mA Io 1A
I
Q
-
-
1.3
mA
7V Vin 25V, Io=500mA
Vn
-
40
-
V
10Hz f 100KHz, Tj=25 :
RR
-
80
-
dB
8V Vin 18V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
sc
-
250
-
mA
Vin=35V, Tj=25 :
I
pk
-
1.8
-
A
Tj=25 :
Vo / Tj
-
-0.6
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
G
I7806 (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=11V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
5.82
6.0
6.18
VO
B-Rank (5%)
5.70
-
6.30
V
Vin=11V, Io=500mA, Tj=25 :
8V Vin 21V, 5mA Io 1A, PD 15W
-
3
60
8V Vin 25V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
1
25
mV
9V Vin 13V, Io=500mA, Tj=25 :
-
-
100
Vin=11V, 5mA Io 1A, Tj=25 :
VO
(Load Regulation)
-
-
50
mV
Vin=11V, 250mA Io 750mA, Tj=25 :
I
Q
-
-
8.0
mA
Vin=11V, Io=500mA, Tj=25 :
-
-
0.5
Vin=11V, 5mA Io 1A
I
Q
-
-
1.3
mA
8V Vin 25V, Io=500mA
Vn
-
45
-
V
10Hz f 100KHz, Tj=25 :
RR
-
75
-
dB
9V Vin 19V, f=120Hz, Tj=25 :
VD
-
2
-
V
I
o=1A, Tj=25 :
I
sc
-
250
-
mA
Vin=35V, Tj=25 :
I
pk
-
1.8
-
A
Tj=25 :
Vo / Tj
-
-0.7
-
mV/ :
I
o=5mA, 0 :
Tj 125 :



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com