Electronic Components Datasheet Search
  English  ▼

X  

GI7909 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI7909
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI7909 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI7909 Datasheet HTML 1Page - GTM CORPORATION GI7909 Datasheet HTML 2Page - GTM CORPORATION GI7909 Datasheet HTML 3Page - GTM CORPORATION GI7909 Datasheet HTML 4Page - GTM CORPORATION GI7909 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G
I79XX
Page: 1/5
ISSUED DATE :2006/01/10
REVISED DATE :
G
G II7799X
X X
X
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
Description
The G
I79XX series of fixed-voltage monolithic integrated-circuit voltage regulators are designed to complement
Series G
I78XX in a wide range of applications. These applications include on-card regulation for elimination of
noise and distribution problems associated with single-point regulation. Each of these regulators can deliver up
to 1.0 amperes of output current. The internal current limiting and thermal shutdown features of these
regulators make them essentially immune to overload. In addition to use as fixed-voltage regulators, these
devices can be used with external components to obtain adjustable output voltage and current and also as the
power pass element in precision regulators.
Features
&-5V, -6V, -8V, -9V, -12V, -15V, -18V, -24V output voltage available
&Internal Thermal Overload Protection
&Internal Short-Circuit Current Limiting
&No External Components
&Output Transistor Safe-Area Compensation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.60
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (Ta=25 : )
Parameter
Ratings
Unit
G
I7905 ~ 18
-35V
V
I
nput voltage
G
I7924
-40V
V
Output current
1.0
A
Operating junction temperature range
0 ~ 150
:
Storage temperature range
-55 ~ 150
:
Thermal resistance junction-air (R JA)
125
: /W
Thermal resistance junction-cases (R JC)
12.5
: /W
TO-251


Similar Part No. - GI7909

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI7905A GTM-GI7905A Datasheet
165Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI7906A GTM-GI7906A Datasheet
165Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI7908A GTM-GI7908A Datasheet
165Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - GI7909

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79L005 TOSHIBA-TA79L005 Datasheet
498Kb / 15P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
TA79L05F TOSHIBA-TA79L05F Datasheet
509Kb / 15P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XX GTM-GJ79XX Datasheet
159Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XX GTM-GU79XX Datasheet
199Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com