Electronic Components Datasheet Search
  English  ▼

X  

GI127 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI127
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI127 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI127 Datasheet HTML 1Page - GTM CORPORATION GI127 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GI127
Page: 1/2
ISSUED DATE :2004/12/15
REVISED DATE :2005/12/23B
G
G II112277
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GI127 is designed for use in general purposes and low speed switching applications.
Features
&High DC current gain
&
Built-in a damper diode at E-C
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55 ~ +150
:
Collector to Base Voltage
BVCBO
-100
V
Collector to Emitter Voltage
BVCEO
-100
V
Emitter to Base Voltage
BVEBO
-5
V
Collector Current
IC
-5
A
Total Power Dissipation(Tc=25 : )
PD
20
W
Electrical Characteristics (Rating at 25 :::: ambient temperature unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-100
-
-
V
IC=-1mA, IE=0
BVCEO
-100
-
-
V
IC=-30mA, IB=0
BVEBO
-5
-
-
V
IE=-1mA, IC=0
ICBO
-
-
-10
A
VCB=-100V, IE=0
ICEX
-
-
-10
A
VCE=-100V, VBE(off)=-1.5V
IEBO
-
-
-2
mA
VEB=-5V, IC=0
*VCE(sat)1
-
-
-2
V
IC=-3A, IB=-12mA
*VCE(sat)2
-
-
-4
V
IC=-5A, IB=-20mA
*VBE(sat)
-
-
-4
V
IC=-5A, IB=-50mA
*VBE(on)
-
-
-2.8
V
VCE=-3V, IC=-3A
*hFE1
1
-
-
K
VCE=-3V, IC=-500mA
*hFE2
1
-
-
K
VCE=-3V, IC=-3A
Cob
-
-
300
pF
VCB=-10V, f=0.1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
TO-251


Similar Part No. - GI127

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI127 ETL-GI127 Datasheet
176Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GI127

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com