Electronic Components Datasheet Search
  English  ▼

X  

GI772 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI772
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI772 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI772 Datasheet HTML 1Page - GTM CORPORATION GI772 Datasheet HTML 2Page - GTM CORPORATION GI772 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G
I772
Page: 1/3
ISSUED DATE :2002/12/13
REVISED DATE :2005/08/10B
G
G
II777722
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I772 is designed for using in output stage of 10W amplifier, voltage regulator, DC-DC converter and
relay driver.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-40
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-3
A
Collector Current (Pulse)
IC
-7
A
Base Current
IB
-0.6
A
Total Power Dissipation(TC=25 : )
PD
10
W
Electrical Characteristics (Ta = 25 )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-100uA , IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA ,IC=0
ICBO
-
-
-1
uA
VCB=-30V, IE=0
IEBO
-
-
-1
uA
VEB=-3V, IC=0
*VCE(sat)
-
-0.3
-0.5
V
IC=-2A, IB=-0.2A
*VBE(sat)
-
-1
-2
V
IC=-2A, IB=-0.2A
*hFE1
30
-
-
VCE=-2V, IC=-20mA
*hFE2
100
-
500
VCE=-2V, IC=-1A
fT
-
80
-
MHz
VCE=-5V, IC=-0.1A, f=100MHz
Cob
-
55
-
pF
VCB=-10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE2
Rank
Q
P
E
Range
100 - 200
160 - 320
250 - 500
TO-251


Similar Part No. - GI772

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI772 ETL-GI772 Datasheet
254Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GI772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com