Electronic Components Datasheet Search
  English  ▼

X  

GI1202 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI1202
Description  PNP EPITAXIAL PLANAR SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI1202 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI1202 Datasheet HTML 1Page - GTM CORPORATION GI1202 Datasheet HTML 2Page - GTM CORPORATION GI1202 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G
I1202
Page: 1/3
ISSUED DATE :2005/06/07
REVISED DATE :
G
G II11220022
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I1202 is designed for voltage regulators, relay drivers, lamp drivers and electrical equipment applications.
Features
*Large current capacitance and wide ASO
*Low collector-to-emitter saturation voltage
*Fast switching speed
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current
IC
-3
A
Collector Current(Pulse)
ICP
-6
A
Junction Temperature
Tj
+150
:
Storage Temperature
TsTG
-55 ~ +150
:
PD
1
W
Total Power Dissipation
PD(TC=25 )
:
15
W
Electrical Characteristics (Rating at Ta=25 :::: )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-10uA, IE=0
BVCEO
-50
-
-
V
IC=-1mA, RBE=
BVEBO
-6
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-1
uA
VCB=-40V, IE=0
IEBO
-
-
-1
uA
VEB=-4V, IC=0
*VCE(sat)1
-
-0.35
-0.7
V
lC=-2A, IB=-100mA
*VBE(sat)
-
-0.94
-1.2
V
lC=-2A, IB=-100mA
*hFE1
100
-
560
VCE=-2V, IC=-100mA
*hFE2
35
-
-
VCE=-2V, IC=-3A
fT
-
150
-
MHz
VCE=-10V, IC=-50mA
Cob
-
39
-
pF
VCB=-10V, f=1MHz
ton (Turn-On Time)
-
70
-
ns
See specified test circuit.
tstg (Storage Time)
-
450
-
ns
See specified test circuit.
tf (Fall Time)
-
35
-
ns
See specified test circuit.
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE1
Rank
R
S
T
U
Range
100 ~ 200
140 ~ 280
200 ~ 400
280 ~ 560
TO-251


Similar Part No. - GI1202

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI1202 ETL-GI1202 Datasheet
366Kb / 3P
P N P E P I T A X I A L P L A N A R S I L I C O N T R A N S I S T O R
More results

Similar Description - GI1202

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com