Electronic Components Datasheet Search
  English  ▼

X  

TDA8808AT Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8808AT
Description  Photo diode signal processor for compact disc players
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8808AT Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8808AT Datasheet HTML 14Page - NXP Semiconductors TDA8808AT Datasheet HTML 15Page - NXP Semiconductors TDA8808AT Datasheet HTML 16Page - NXP Semiconductors TDA8808AT Datasheet HTML 17Page - NXP Semiconductors TDA8808AT Datasheet HTML 18Page - NXP Semiconductors TDA8808AT Datasheet HTML 19Page - NXP Semiconductors TDA8808AT Datasheet HTML 20Page - NXP Semiconductors TDA8808AT Datasheet HTML 21Page - NXP Semiconductors TDA8808AT Datasheet HTML 22Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
November 1987
18
Philips Semiconductors
Product specification
Photo diode signal processor for compact
disc players
TDA8808T
TDA8808AT
Fig.8 FElag current output as a function of starting voltage input (VSc).
IST
=
−IFOC START
Icont
= 2 IBgc if IDT > IDT3
Icont
= IDT × S1 if IDT < IDT3
IDT
= ID1 + ID2 + ID3 + ID4
IDT3
= 2 IBgc/S1
S1
= average maximum LF gain
(1
+ 4)NN
= not normalized currents = (ID1 + ID4) S1
(2
+ 3)NN
= not normalized currents = (ID2 + I D3) S1
Vj is the junction voltage (0,7 V typ.).
14
+
() N
normalized currents
I
D1
I
D1
I
D2
+
----------------------
I
D4
I
D3
I
D4
+
----------------------
+



I
cont
×
=
=
23
+
() N
normalized currents
I
D2
I
D1
I
D2
+
----------------------
I
D3
I
D3
I
D4
+
----------------------
+



I
cont
×
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com