Electronic Components Datasheet Search
  English  ▼

X  

GI9585 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI9585
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI9585 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI9585 Datasheet HTML 1Page - GTM CORPORATION GI9585 Datasheet HTML 2Page - GTM CORPORATION GI9585 Datasheet HTML 3Page - GTM CORPORATION GI9585 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G
I9585
Page: 1/4
ISSUED DATE :2005/12/05
REVISED DATE :
G
G
II99558855
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The G
I9585 provide the designer with the best combination of fast switching, ruggedized device design and
cost-effectiveness.
The through-hole version (TO-251) is available for low-profile applications and suited for low voltage
applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Lower Gate Charge
*Fast Switching Characteristic
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
-80
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current, VGS@10V
ID @TC=25 :
-11.2
A
Continuous Drain Current, VGS@10V
ID @TC=100 :
-7.1
A
Pulsed Drain Current1
IDM
-30
A
Total Power Dissipation
PD @TC=25 :
44.6
W
Linear Derating Factor
0.36
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Max.
Rthj-c
2.8
: /W
Thermal Resistance Junction-ambient
Max.
Rthj-a
110
: /W
BVDSS
-80V
RDS(ON)
180m
ID
-11.2A
Pb Free Plating Product
TO-251


Similar Part No. - GI9585

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI9563 GTM-GI9563 Datasheet
237Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI9575 GTM-GI9575 Datasheet
235Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GI9585

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com