Electronic Components Datasheet Search
  English  ▼

X  

TDA8927 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8927
Description  Power stage 2 x 80 W class-D audio amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8927 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8927 Datasheet HTML 9Page - NXP Semiconductors TDA8927 Datasheet HTML 10Page - NXP Semiconductors TDA8927 Datasheet HTML 11Page - NXP Semiconductors TDA8927 Datasheet HTML 12Page - NXP Semiconductors TDA8927 Datasheet HTML 13Page - NXP Semiconductors TDA8927 Datasheet HTML 14Page - NXP Semiconductors TDA8927 Datasheet HTML 15Page - NXP Semiconductors TDA8927 Datasheet HTML 16Page - NXP Semiconductors TDA8927 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
2001 Dec 11
13
Philips Semiconductors
Objective specification
Power stage 2
× 80 W class-D
audio amplifier
TDA8927
13 AC CHARACTERISTICS
Notes
1. VP = ±25 V; RL =4 Ω; fi = 1 kHz; Tamb =25 °C; measured in reference design in Figs 9 and 11; unless otherwise
specified.
2. Indirectly measured; based on Rds(on) measurement.
3. Total Harmonic Distortion (THD) is measured in a bandwidth of 22 Hz to 22 kHz. When distortion is measured using
a low-order low-pass filter a significantly higher value will be found, due to the switching frequency outside the audio
band.
4. Efficiency for power stage; output power measured across the loudspeaker load.
5. VP = ±25 V; RL =8 Ω; fi = 1 kHz; Tamb =25 °C; measured in reference design in Figs 9 and 11; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Single-ended application; note 1
Po
output power
RL =4 Ω; THD = 0.5%; VP = ±25 V
50(2)
55
−
W
RL =4 Ω; THD = 10%; VP = ±25 V
60(2)
65
−
W
RL =4 Ω; THD = 0.5%; VP = ±27 V
60(2)
65
−
W
RL =4 Ω; THD = 10%; VP = ±27 V
74(2)
80
−
W
THD
total harmonic distortion
Po = 1 W; note 3
fi = 1 kHz
−
0.01
0.05
%
fi = 10 kHz
−
0.1
−
%
Gv(cl)
closed-loop voltage gain
29
30
31
dB
η
efficiency
Po = 30 W; fi = 1 kHz; note 4
−
94
−
%
Mono BTL application; note 5
Po
output power
RL =8 Ω; THD = 0.5%; VP = ±25 V
100(2)
112
−
W
RL =8 Ω; THD = 10%; VP = ±25 V
128(2)
140
−
W
RL =4 Ω; THD = 0.5%; VP = ±17 V
80(2)
87
−
W
RL =4 Ω; THD = 10%; VP = ±17 V
100(2)
110
−
W
THD
total harmonic distortion
Po = 1 W; note 3
fi = 1 kHz
−
0.01
0.05
%
fi = 10 kHz
−
0.1
−
%
Gv(cl)
closed loop voltage gain
35
36
37
dB
η
efficiency
Po = 30 W; fi = 1 kHz; note 4
−
94
−
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com