Electronic Components Datasheet Search
  English  ▼

X  

TS4997 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4997
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4997 Datasheet HTML 22Page - STMicroelectronics TS4997 Datasheet HTML 23Page - STMicroelectronics TS4997 Datasheet HTML 24Page - STMicroelectronics TS4997 Datasheet HTML 25Page - STMicroelectronics TS4997 Datasheet HTML 26Page - STMicroelectronics TS4997 Datasheet HTML 27Page - STMicroelectronics TS4997 Datasheet HTML 28Page - STMicroelectronics TS4997 Datasheet HTML 29Page - STMicroelectronics TS4997 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Application information
TS4997
26/34
The CS capacitor has particular influence on the THD+N at high frequencies (above 7kHz)
and an indirect influence on power supply disturbances. With a value for CS of 1µF, one can
expect THD+N performance similar to that shown in the datasheet.
In the high frequency region, if CS is lower than 1µF, then THD+N increases and
disturbances on the power supply rail are less filtered.
On the other hand, if CS is greater than 1µF, then those disturbances on the power supply
rail are more filtered.
The Cb capacitor has an influence on the THD+N at lower frequencies, but also impacts
PSRR performance (with grounded input and in the lower frequency region).
4.10
Standby control and wake-up time tWU
The TS4997 has two dedicated standby pins (STBYL, STBYR). These pins allow to put
each channel in standby mode or active mode independently. The amplifier is designed to
reach close to zero pop when switching from one mode to the other.
When both channels are in standby (VSTBYL = VSTBYR = GND), the circuit is in shutdown
mode. When at least one of the two standby pins is released to put the device ON, the
bypass capacitor Cb starts to be charged. Because Cb is directly linked to the bias of the
amplifier, the bias will not work properly until the Cb voltage is correct. The time to reach this
voltage is called the wake-up time or tWU and is specified in Table 4 on page 5, with Cb=1µF.
During the wake-up phase, the TS4997 gain is close to zero. After the wake-up time, the
gain is released and set to its nominal value. If Cb has a value different from 1µF, then refer
to the graph in Figure 66 to establish the corresponding wake-up time.
When a channel is set to standby mode, the outputs of this channel are in high impedance
state.
Figure 66.
Typical startup time vs. bypass capacitor
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
30
40
50
60
70
80
90
100
Tamb=25
°C
Vcc=2.7V
Vcc=3.3V
Vcc=5V
Bypass Capacitor Cb (
μF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com