Electronic Components Datasheet Search
  English  ▼

X  

14015 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 14015
Description  Vacuum generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

14015 Datasheet(HTML) 1 Page - Festo Corporation.

  14015 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum generator
VAD-1/8
Part number: 14015
General operating condition
Data sheet
Feature
Value
Nominal width of Laval nozzle
0.8 mm
Mounting position
Any
Ejector characteristics
High vacuum
Structural design
T-shape
Symbol
00991482
Operating pressure
0.15 MPa ... 1 MPa
Operating pressure
1.5 bar ... 10 bar
Operating pressure
21.75 psi ... 145 psi
Max. vacuum
80 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-20 °C ... 80 °C
Ambient temperature
-20 °C ... 80 °C
Type of mounting
With through-hole
Pneumatic connection 1
G1/8
Pneumatic connection 3
G1/8
Vacuum connection
G1/8
Housing material
Die-cast aluminum
9/23/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 14015

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
14015 DURATOOL-14015 Datasheet
17Kb / 1P
Malleable Tap Wrenches
logo
METZ CONNECT GmbH
1401505012-E METZ-1401505012-E Datasheet
227Kb / 7P
E-DAT Industry RJ45 plug black Cat.6 Class EA
2023/02/15 Version: AF
logo
Adels-Contact
140152 ADELS-140152 Datasheet
118Kb / 2P
AC 162 STS/ 2 white
30/12/2019
logo
PHOENIX CONTACT
1401542 PHOENIX-1401542 Datasheet
388Kb / 9P
SAC-3P- 3,0-PUR/CI-1L-R-ES - Sensor/actuator cable
1401544 PHOENIX-1401544 Datasheet
387Kb / 9P
SAC-3P- 5,0-PUR/CI-1L-R-ES - Sensor/actuator cable
More results

Similar Description - 14015

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com