Electronic Components Datasheet Search
  English  ▼

X  

AM29240EH Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29240EH
Description  Enhanced High-Performance RISC Microcontrollers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29240EH Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29240EH Datasheet HTML 17Page - Advanced Micro Devices AM29240EH Datasheet HTML 18Page - Advanced Micro Devices AM29240EH Datasheet HTML 19Page - Advanced Micro Devices AM29240EH Datasheet HTML 20Page - Advanced Micro Devices AM29240EH Datasheet HTML 21Page - Advanced Micro Devices AM29240EH Datasheet HTML 22Page - Advanced Micro Devices AM29240EH Datasheet HTML 23Page - Advanced Micro Devices AM29240EH Datasheet HTML 24Page - Advanced Micro Devices AM29240EH Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
P R E L I M I N A R Y
21
Am29240 EH Microcontroller Series
™
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +125°C
. . . . . . . . . . . .
Voltage on any Pin
with Respect to GND
–0.5 V to VCC +2.4
. . . . . . . . .
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to absolute maximum rat-
ings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Case Temperature (TC)0°C to +85°C
. . . . . . . . . . . . . .
Supply Voltage (VCC)
+3 V to +3.6 V
. . . . . . . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL Operating Ranges
Preliminary
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.0
VCC +2.4
V
VILINCLK
INCLK Input Low Voltage
–0.5
0.8
V
VIHINCLK
INCLK Input High Voltage
2.4
5.5
V
VOL
Output Low Voltage for
All Outputs except MEMCLK
IOL = 3.2 mA
0.5
V
VOH
Output High Voltage for
All Outputs except MEMCLK
IOH = –400 µA
2.4
V
ILI
Input Leakage Current
0.45 V
≤ VIN ≤ VCC –0.45 V
Note 1
±10 or
+10/–200
µA
ILO
Output Leakage Current
0.45 V
≤ VOUT ≤ VCC –0.45 V
±10
µA
ICCOP
Operating Power-Supply Current with
respect to MEMCLK
VCC = 3.6 V, Outputs Floating;
Holding RESET active at 25 MHz
8
mA/MHz
VOLC
MEMCLK Output Low Voltage
IOLC = 20 mA
0.6
V
VOHC
MEMCLK Output High Voltage
IOHC = –20 mA
2.4
V
IOSGND
MEMCLK GND Short Circuit Current
VCC = 3.3 V
100
mA
IOSVCC
MEMCLK VCC Short Circuit Current
VCC = 3.3 V
100
mA
Notes:
1. The Low input leakage current for the inputs CNTL1–CNTL0, INTR3–INTR0, TRAP1–TRAP0, DREQD–DREQA, TCK, TDI,
RESET, TRST, TMS, GREQ, WARN, MEMDRV, WAIT,
and TRIST is –200
µA. These pins have internal pull-up resistors.
CAPACITANCE
Preliminary
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
CIN
Input Capacitance
15
pF
CINCLK
INCLK Input Capacitance
15
pF
CMEMCLK
MEMCLK Capacitance
fC = 10 MHz
20
pF
COUT
Output Capacitance
20
pF
CI/O
I/O Pin Capacitance
20
pF
Note: Limits guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com