Electronic Components Datasheet Search
  English  ▼

X  

TDA8941 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8941
Description  1.5 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8941 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8941 Datasheet HTML 1Page - NXP Semiconductors TDA8941 Datasheet HTML 2Page - NXP Semiconductors TDA8941 Datasheet HTML 3Page - NXP Semiconductors TDA8941 Datasheet HTML 4Page - NXP Semiconductors TDA8941 Datasheet HTML 5Page - NXP Semiconductors TDA8941 Datasheet HTML 6Page - NXP Semiconductors TDA8941 Datasheet HTML 7Page - NXP Semiconductors TDA8941 Datasheet HTML 8Page - NXP Semiconductors TDA8941 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Philips Semiconductors
TDA8941P
1.5 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
3 of 21
9397 750 06864
© Philips Electronics N.V. 2000. All rights reserved.
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
The TDA8941P is a mono BTL audio power amplifier capable of delivering 1.5 W
output power to an 16
Ω load at THD = 10%, using a 9 V power supply. The voltage
gain is fixed at 32 dB.
With the three-level MODE input the device can be switched from ‘standby’ to ‘mute’
and to ‘operating’ mode.
The TDA8941P outputs are protected by an internal thermal shutdown protection
mechanism and a short-circuit protection.
8.1 Input configuration
The TDA8941P inputs can be driven symmetrical (floating) as well as asymmetrical.
In the asymmetrical mode one input pin is connected via a capacitor to the signal
ground which should be as close as possible to the SVR (electrolytic) capacitor
ground. Note that the DC level of the input pins is half of the supply voltage VCC, so
coupling capacitors for both pins are necessary.
Fig 2.
Pin configuration.
handbook, halfpage
1
2
3
4
8
7
6
5
MGR892
TDA8941P
OUT
+
GND
SVR
VCC
OUT
−
IN
−
IN
+
MODE
Table 3:
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
OUT+
2
positive loudspeaker terminal
IN+
3
positive input
MODE
4
mode selection input (standby, mute, operating)
IN
−
5
negative input
SVR
6
half supply voltage decoupling (ripple rejection)
OUT
−
7
negative loudspeaker terminal
GND
8
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com