Electronic Components Datasheet Search
  English  ▼

X  

549461 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 549461
Description  H-rail mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

549461 Datasheet(HTML) 1 Page - Festo Corporation.

  549461 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H-rail mounting
OABM-H
Part number: 549461
General operating condition
Data sheet
Feature
Value
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Max. tightening torque for H-rail mounting:
0.8 Nm
Product weight
52 g
H-rail mounting material
Steel
Galvanized
Note on materials
RoHS-compliant
9/23/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 549461

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
549460 FESTO-549460 Datasheet
97Kb / 1P
Blanking plug
More results

Similar Description - 549461

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
51Kb / 2P
DIN Rail Mounting Track
logo
Bud Industries, Inc.
PMR-9448 BUD-PMR-9448 Datasheet
77Kb / 1P
PANEL MOUNTING RAIL
logo
Weidmuller
0299860000 WEIDMULLER-0299860000 Datasheet
113Kb / 1P
Mounting rail support
logo
CUI INC
STK-DIN CUI-STK-DIN Datasheet
170Kb / 2P
DIN RAIL MOUNTING BRACKET
logo
M-System Co.,Ltd.
A34 MSYSTEM-A34 Datasheet
113Kb / 3P
DIN RAIL MOUNTING ADAPTER
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
DIN mounting rail
2020-09-23
logo
Festo Corporation.
4135048 FESTO-4135048 Datasheet
82Kb / 1P
H-rail mounting
7/21/22
570043 FESTO-570043 Datasheet
76Kb / 1P
H-rail mounting
7/21/22
8095158 FESTO-8095158 Datasheet
63Kb / 1P
H-rail mounting
7/21/22
logo
TRACO Electronic AG
TEQ-MK2 TRACOPOWER-TEQ-MK2 Datasheet
721Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com