Electronic Components Datasheet Search
  English  ▼

X  

3055/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3055/1
Description  18 (SOLID) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3055/1 Datasheet(HTML) 1 Page - Alpha Wire

  3055/1 Datasheet HTML 1Page - Alpha Wire 3055/1 Datasheet HTML 2Page - Alpha Wire 3055/1 Datasheet HTML 3Page - Alpha Wire 3055/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 3055/1
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
18 (SOLID) AWG Tinned Copper
0.040
b) Insulation
0.016" Wall, Nom. PVC
0.072+/- 0.002
(1) Print
ALPHA WIRE E163869-* RU AWM STYLES 1569 105C
OR 1007 80C 300V VW-1 IEC 60332-1 18 AWG
OR CRU TR-64 90C FT1 CE ROHS
{0} * = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
Applicable Specifications
1) UL
AWM/STYLE 1007
80°C / 300 VRMS
 
AWM/STYLE 1569
105°C / 300 VRMS
 
VW-1
 
2) CSA International
TR-64
90°C
 
FT1
 
3) IEC
EN 60332-1 Flame Behavior
 
4) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 3055/1

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3055 ALLEGRO-3055 Datasheet
111Kb / 8P
MULTIPLEXED TWO-WIRE HALL-EFFECT SENSOR ICs
logo
List of Unclassifed Man...
3055 ETC2-3055 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Alpha Wire
3055 ALPHAWIRE-3055 Datasheet
70Kb / 3P
Customer Specification
logo
VBsemi Electronics Co.,...
3055 VBSEMI-3055 Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Alpha Wire
3055 ALPHAWIRE-3055 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
More results

Similar Description - 3055/1

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1347086 ETC2-1347086 Datasheet
98Kb / 3P
18 AWG stranded (19x30) tinned copper conductors
1347098 ETC2-1347098 Datasheet
101Kb / 3P
18 AWG pairs stranded (19x30) tinned copper conductors,
1347358 ETC2-1347358 Datasheet
96Kb / 2P
22 AWG solid tinned copper conductors, PVC insulation,
28469 ETC2-28469 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1351662 ETC2-1351662 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
1351827 ETC2-1351827 Datasheet
101Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com