Electronic Components Datasheet Search
  English  ▼

X  

3057/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 3057/1
Description  16 (SOLID) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3057/1 Datasheet(HTML) 1 Page - Alpha Wire

  3057/1 Datasheet HTML 1Page - Alpha Wire 3057/1 Datasheet HTML 2Page - Alpha Wire 3057/1 Datasheet HTML 3Page - Alpha Wire 3057/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 3057/1
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
16 (SOLID) AWG Tinned Copper
0.051
b) Insulation
0.016" Wall, Nom. PVC
0.083+/- 0.002
(1) Print
ALPHA WIRE E163869-* RU AWM STYLES 1569 105C
OR 1007 80C 300V VW-1 IEC 60332-1 16 AWG
OR CRU TR-64 90C FT1 CE ROHS
{0} * = Factory Code
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
Applicable Specifications
1) UL
AWM/STYLE 1007
80°C / 300 VRMS
 
AWM/STYLE 1569
105°C / 300 VRMS
 
VW-1
 
2) CSA International
TR-64
90°C
 
FT1
 
3) IEC
EN 60332-1 Flame Behavior
 
4) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 3057/1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3057 ETC2-3057 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Bourns Electronic Solut...
3057 BOURNS-3057 Datasheet
117Kb / 1P
Trimpot Trimming Potentiometer
logo
Alpha Wire
3057 ALPHAWIRE-3057 Datasheet
70Kb / 3P
Customer Specification
logo
KR Electronics, Inc.
3057 KR-3057 Datasheet
59Kb / 3P
795 MHz Bandpass Filter
logo
Alpha Wire
3057 ALPHAWIRE-3057 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
More results

Similar Description - 3057/1

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344902 ETC2-1344902 Datasheet
98Kb / 3P
16 AWG stranded (19x29) tinned copper conductors, PVC insulation
1346630 ETC2-1346630 Datasheet
99Kb / 3P
16 AWG pairs stranded (19x29) tinned copper conductors
1347358 ETC2-1347358 Datasheet
96Kb / 2P
22 AWG solid tinned copper conductors, PVC insulation,
1348422 ETC2-1348422 Datasheet
98Kb / 3P
Minature, 28 AWG solid .013 tinned copper conductor, polypropylene insulation, bare copper braid shield
1351271 ETC2-1351271 Datasheet
102Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
1351662 ETC2-1351662 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
1351827 ETC2-1351827 Datasheet
101Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene
39116 ETC2-39116 Datasheet
100Kb / 2P
16 AWG stranded (26x30) tinned copper conductor, PPO insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com