Electronic Components Datasheet Search
  English  ▼

X  

782001 Datasheet(PDF) 1 Page - Alpha Wire

Part # 782001
Description  20 (SOLID) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

782001 Datasheet(HTML) 1 Page - Alpha Wire

  782001 Datasheet HTML 1Page - Alpha Wire 782001 Datasheet HTML 2Page - Alpha Wire 782001 Datasheet HTML 3Page - Alpha Wire 782001 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 782001
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
20 (SOLID) AWG Tinned Copper
0.032
b) Insulation
0.032" Wall, Nom. PVC
0.096+/- 0.004
(1) Print
ALPHA WIRE E163869-* RU AWM 1015/1230 105C 600V
VW-1 20 AWG --- LLXXXXX CSA AWM I A/B 105C 600V
FT1 OR TEW 105C 600V FT1 CE ROHS
{0} * = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
Applicable Specifications
1) UL
AWM/STYLE 1015
105°C / 600 VRMS
 
VW-1
 
 
AWM/STYLE 1230
105°C Dry / 60°C Wet / 600 VRMS
2) CSA International
AWM I A/B
105°C / 600 VRMS
 
FT1
 
 
TEW-105
105°C / 600 VRMS
3) CE:
EU Low Voltage Directive 2014/35/EU
Environmental


Similar Part No. - 782001

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
78200 WIXROYD-78200 Datasheet
204Kb / 1P
Pull Handles
logo
National Instruments Co...
782000-01 NI-782000-01 Datasheet
259Kb / 10P
NI-9232 Getting Started
2022-07-06
logo
Theben AG
7820030 THEBEN-7820030 Datasheet
484Kb / 2P
Climate control Clock thermostats
07/04/2025
More results

Similar Description - 782001

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
1347358 ETC2-1347358 Datasheet
96Kb / 2P
22 AWG solid tinned copper conductors, PVC insulation,
1351271 ETC2-1351271 Datasheet
102Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351662 ETC2-1351662 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
1351827 ETC2-1351827 Datasheet
101Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com