Electronic Components Datasheet Search
  English  ▼

X  

AD820AR Datasheet(PDF) 8 Page - Analog Devices

Part # AD820AR
Description  Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820AR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD820AR Datasheet HTML 4Page - Analog Devices AD820AR Datasheet HTML 5Page - Analog Devices AD820AR Datasheet HTML 6Page - Analog Devices AD820AR Datasheet HTML 7Page - Analog Devices AD820AR Datasheet HTML 8Page - Analog Devices AD820AR Datasheet HTML 9Page - Analog Devices AD820AR Datasheet HTML 10Page - Analog Devices AD820AR Datasheet HTML 11Page - Analog Devices AD820AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD820
Rev. H | Page 8 of 24
AD820A
AD820B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Saturation Voltage2
V
OL − VEE
I
SINK = 20 μA
5
7
5
7
mV
T
MIN to TMAX
10
10
mV
V
CC − VOH
I
SOURCE = 20 μA
10
14
10
14
mV
T
MIN to TMAX
20
20
mV
V
OL − VEE
I
SINK = 2 mA
40
55
40
55
mV
T
MIN to TMAX
80
80
mV
V
CC − VOH
I
SOURCE = 2 mA
80
110
80
110
mV
T
MIN to TMAX
160
160
mV
V
OL − VEE
I
SINK = 15 mA
300
500
300
500
mV
T
MIN to TMAX
1000
1000
mV
V
CC − VOH
I
SOURCE = 15 mA
800
1500
800
1500
mV
T
MIN to TMAX
1900
1900
mV
Operating Output Current
20
20
mA
T
MIN to TMAX
15
15
mA
Short-Circuit Current
45
45
mA
Capacitive Load Drive
350
350
pF
POWER SUPPLY
Quiescent Current
T
MIN to TMAX
700
900
700
900
μA
Power Supply Rejection
V+ = 5 V to 15 V
70
80
70
80
dB
T
MIN to TMAX
70
70
dB
1 This is a functional specification. Amplifier bandwidth decreases when the input common-mode voltage is driven in the range ((V+) − 1 V) to V+. Common-mode error
voltage is typically less than 5 mV with the common-mode voltage set at 1 V below the positive supply.
2 V
OL − VEE is defined as the difference between the lowest possible output voltage (VOL) and the negative voltage supply rail (VEE). VCC − VOH is defined as the difference
between the highest possible output voltage (VOH) and the positive supply voltage (VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com