Electronic Components Datasheet Search
  English  ▼

X  

AD822AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD822AR
Description  Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822AR Datasheet(HTML) 3 Page - Analog Devices

  AD822AR Datasheet HTML 1Page - Analog Devices AD822AR Datasheet HTML 2Page - Analog Devices AD822AR Datasheet HTML 3Page - Analog Devices AD822AR Datasheet HTML 4Page - Analog Devices AD822AR Datasheet HTML 5Page - Analog Devices AD822AR Datasheet HTML 6Page - Analog Devices AD822AR Datasheet HTML 7Page - Analog Devices AD822AR Datasheet HTML 8Page - Analog Devices AD822AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD822
Rev. J | Page 3 of 24
The AD822 drives up to 350 pF of direct capacitive load as a
follower and provides a minimum output current of 15 mA.
This allows the amplifier to handle a wide range of load conditions.
Its combination of ac and dc performance, plus the outstanding
load drive capability, results in an exceptionally versatile amplifier
for the single-supply user.
The AD822 is available in two performance grades. The A grade
and B grade are rated over the industrial temperature range of
−40°C to +85°C.
The AD822 is offered in three varieties of 8-lead packages:
PDIP, MSOP, and SOIC_N.
90
100
10
0%
.
. . . .
. . . .
. . . .. . . . . . . . . . . . . . . . . . . .. . . .. . . .
. . . .
. . . .
. . . .. . . . . . . . . . . . . . . . . . . .. . . .. . . .
VOUT
5V
0V
(GND)
1V
20µs
1V
1V
Figure 3. Gain of 2 Amplifier; VS = 5 V, 0 V,
VIN = 2.5 V Sine Centered at 1.25 V, RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com