Electronic Components Datasheet Search
  English  ▼

X  

TDA8944 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8944
Description  2 x 7 W stereo Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8944 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8944 Datasheet HTML 1Page - NXP Semiconductors TDA8944 Datasheet HTML 2Page - NXP Semiconductors TDA8944 Datasheet HTML 3Page - NXP Semiconductors TDA8944 Datasheet HTML 4Page - NXP Semiconductors TDA8944 Datasheet HTML 5Page - NXP Semiconductors TDA8944 Datasheet HTML 6Page - NXP Semiconductors TDA8944 Datasheet HTML 7Page - NXP Semiconductors TDA8944 Datasheet HTML 8Page - NXP Semiconductors TDA8944 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Philips Semiconductors
TDA8944J
2 x 7 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 February 2000
2 of 21
9397 750 06861
© Philips Electronics N.V. 2000. All rights reserved.
5.
Ordering information
6.
Block diagram
Po
output power
THD = 10%; RL =8 Ω;
VCC =12V
67-
W
THD
total harmonic distortion
Po = 1 W
-
0.03
0.1
%
Gv
voltage gain
31
32
33
dB
SVRR
supply voltage ripple
rejection
50
65
-
dB
Table 1:
Quick reference data…continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA8944J
DBS17P
plastic DIL-bent-SIL power package;
17 leads (lead length 12 mm)
SOT243-1
Fig 1.
Block diagram.
idth
MBK933
STANDBY/
MUTE LOGIC
SHORT CIRCUIT
AND
TEMPERATURE
PROTECTION
20
k
Ω
20
k
Ω
9
12
17
14
10
11
VCC1
VCC
2
3
OUT2
+
GND1
15
GND2
SVR
OUT2
−
IN2
−
IN2
+
8
TDA8944J
6
4
1
VCC2
16
OUT1
+
OUT1
−
IN1
−
IN1
+
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com