Electronic Components Datasheet Search
  English  ▼

X  

TDA8945S Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8945S
Description  15 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8945S Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8945S Datasheet HTML 1Page - NXP Semiconductors TDA8945S Datasheet HTML 2Page - NXP Semiconductors TDA8945S Datasheet HTML 3Page - NXP Semiconductors TDA8945S Datasheet HTML 4Page - NXP Semiconductors TDA8945S Datasheet HTML 5Page - NXP Semiconductors TDA8945S Datasheet HTML 6Page - NXP Semiconductors TDA8945S Datasheet HTML 7Page - NXP Semiconductors TDA8945S Datasheet HTML 8Page - NXP Semiconductors TDA8945S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Philips Semiconductors
TDA8945S
15 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
5 of 21
9397 750 06866
© Philips Electronics N.V. 2000. All rights reserved.
8.2.2
Headroom
Typical CD music requires at least 12 dB (factor 15.85) dynamic headroom –
compared to the average power output – for transferring the loudest parts without
distortion. At VCC =18V, RL =8 Ω and Po = 10 W at THD = 0.1% (see Figure 6), the
Average Listening Level (ALL) – music power – without any distortion yields:
Po(ALL) = 10 W/15.85 = 631 mW.
The power dissipation can be derived from Figure 11 on page 10 for 0 dB
respectively 12 dB headroom.
For the average listening level a power dissipation of 4 W can be used for a heatsink
calculation.
8.3 Mode selection
The TDA8945S has three functional modes, which can be selected by applying the
proper DC voltage to pin MODE. See Figure 4 and 5 for the respective DC levels,
which depend on the supply voltage level. The MODE pin can be driven by a 3-state
logic output stage: e.g. a microcontroller with additional components for DC-level
shifting.
Standby — In this mode the current consumption is very low and the outputs are
floating. The device is in standby mode when (VCC − 0.5 V) < VMODE <VCC, or when
the MODE pin is left floating (high impedance). The power consumption of the
TDA8945S will be reduced to <0.18 mW.
Mute — In this mode the amplifier is DC-biased but not operational (no audio output);
the DC level of the input and output pins remain on half the supply voltage. This
allows the input coupling and Supply Voltage Ripple Rejection (SVRR) capacitors to
be charged to avoid pop-noise. The device is in mute mode when
3V<VMODE <(VCC − 1.5 V).
Operating — In this mode the amplifier is operating normally. The operating mode is
activated at VMODE < 0.5 V.
8.3.1
Switch-on and switch-off
To avoid audible plops during supply voltage switch-on or switch-off, the device is set
to standby mode before the supply voltage is applied (switch-on) or removed
(switch-off).
The switch-on and switch-off time can be influenced by an RC-circuit on the MODE
pin. Rapid on/off switching of the device or the MODE pin may cause ‘click- and
pop-noise’. This can be prevented by proper timing of the RC-circuit on the MODE
pin.
Table 4:
Power rating as function of headroom
Headroom
Power output (THD = 0.1%)
Power dissipation (P)
0dB
Po =10W
8.5 W
12 dB
Po(ALL) = 631 mW
4 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com