Electronic Components Datasheet Search
  English  ▼

X  

AD8506 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8506
Description  1 μA Micropower CMOS Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8506 Datasheet(HTML) 3 Page - Analog Devices

  AD8506 Datasheet HTML 1Page - Analog Devices AD8506 Datasheet HTML 2Page - Analog Devices AD8506 Datasheet HTML 3Page - Analog Devices AD8506 Datasheet HTML 4Page - Analog Devices AD8506 Datasheet HTML 5Page - Analog Devices AD8506 Datasheet HTML 6Page - Analog Devices AD8506 Datasheet HTML 7Page - Analog Devices AD8506 Datasheet HTML 8Page - Analog Devices AD8506 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8502/AD8504
Rev. A | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VS = 5 V, VCM = VS/2, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0 V < VCM < 5 V
0.5
3
mV
−40°C < TA < +85°C
5
mV
−40°C < TA < +125°C
5.5
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +85°C
7
μV/°C
−40°C < TA < +125°C
5
μV/°C
Input Bias Current
IB
0 V < VCM < 5 V
1
10
pA
−40°C < TA < +85°C
100
pA
−40°C < TA < +125°C
600
pA
Input Offset Current
IOS
0 V < VCM < 5 V
0.5
5
pA
−40°C < TA < +85°C
50
pA
−40°C < TA < +125°C
100
pA
Input Voltage Range
IVR
0
5.0
V
Common-Mode Rejection Ratio
CMRR
0 V < VCM < 5 V
67
76
dB
−40°C < TA < +85°C
65
dB
−40°C to +125°C
65
dB
Large Signal Voltage Gain
AVO
0.1 V < VOUT < 4.9 V; RLOAD = 1 MΩ
98
120
dB
0.1 V < VOUT < 4.9 V; −40°C < TA < +85°C
93
dB
0.1 V < VOUT < 4.9 V; −40°C < TA < +125°C
75
dB
Input Capacitance
CDIFF
2
pF
CCM
4.5
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RLOAD = 100 kΩ to GND
4.970
4.990
V
−40°C < TA < +85°C
4.960
V
−40°C to +125°C
4.950
V
RLOAD = 10 kΩ to GND
4.900
4.930
V
−40°C < TA < +85°C
4.810
V
−40°C to +125°C
4.650
V
Output Voltage Low
VOL
RLOAD = 100 kΩ to VS
1.6
5
mV
−40°C < TA < +85°C
7
mV
−40°C to +125°C
7
mV
RLOAD = 10 kΩ to VS
15
20
mV
−40°C < TA < +85°C
37
mV
−40°C to +125°C
40
mV
Short-Circuit Current
ISC
VOUT = GND
±5
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
1.8 V < VS < 5 V
85
105
dB
−40°C < TA < +85°C
66
dB
−40°C < TA < +125°C
66
dB
Supply Current/Amplifier
ISY
VO = VS/2
0.75
1
μA
−40°C < TA < +85°C
1.5
μA
−40°C < TA < +125°C
2
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RLOAD = 1 MΩ
0.004
V/μs
Gain Bandwidth Product
GBP
7
kHz
Phase Margin
ØO
60
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com