Electronic Components Datasheet Search
  English  ▼

X  

AD8032ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8032ARMZ
Description  2.7 V, 800 μA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8032ARMZ Datasheet HTML 7Page - Analog Devices AD8032ARMZ Datasheet HTML 8Page - Analog Devices AD8032ARMZ Datasheet HTML 9Page - Analog Devices AD8032ARMZ Datasheet HTML 10Page - Analog Devices AD8032ARMZ Datasheet HTML 11Page - Analog Devices AD8032ARMZ Datasheet HTML 12Page - Analog Devices AD8032ARMZ Datasheet HTML 13Page - Analog Devices AD8032ARMZ Datasheet HTML 14Page - Analog Devices AD8032ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8031/AD8032
Rev. G | Page 11 of 20
FREQUENCY (Hz)
0
10
8
6
4
2
1k
10k
100k
1M
10M
VS =±5V
VS =+5V
VS =+2.7V
Figure 32. Large Signal Response
FREQUENCY (MHz)
100
50
10
1
0.1
RBT =50Ω
RBT =0Ω
0.1
1
10
100 200
RBT
VOUT
Figure 33. ROUT vs. Frequency
FREQUENCY (Hz)
0
–40
–60
–80
–20
–100
VS =5V
100
1k
10k
100k
1M
10M
Figure 34. CMRR vs. Frequency
FREQUENCY (Hz)
0
–40
–60
–80
–100
–20
–120
VS =5V
100
1k
10k
100k
1M
10M
100M
Figure 35. PSRR vs. Frequency
5.5
4.5
3.5
1.5
0.5
–0.5
2.5
10µs/DIV
VS =5V
RL = 10kΩ TO 2.5V
VIN =6Vp-p
G= +1
Figure 36. Output Voltage
5.5
4.5
3.5
1.5
0.5
2.5
INPUT
–0.5
VS =5V
G= +1
INPUT = 650mV
BEYOND RAILS
10µs/DIV
Figure 37. Output Voltage Phase Reversal Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com