Electronic Components Datasheet Search
  English  ▼

X  

AD8591 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8591
Description  CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8591 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8591 Datasheet HTML 2Page - Analog Devices AD8591 Datasheet HTML 3Page - Analog Devices AD8591 Datasheet HTML 4Page - Analog Devices AD8591 Datasheet HTML 5Page - Analog Devices AD8591 Datasheet HTML 6Page - Analog Devices AD8591 Datasheet HTML 7Page - Analog Devices AD8591 Datasheet HTML 8Page - Analog Devices AD8591 Datasheet HTML 9Page - Analog Devices AD8591 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8591/AD8592/AD8594
Rev. B | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
10
0.1
1
100
1k
1k
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 2.7V
TA = 25°C
SOURCE
SINK
Figure 5. Output Voltage to Supply Rail vs. Load Current
10
0.1
1
100
10k
1k
1k
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 5V
TA = 25°C
SOURCE
SINK
Figure 6. Output Voltage to Supply Rail vs. Load Current
–40
–20
100
0
20406080
0.90
0.50
0.85
0.70
0.65
0.60
0.55
0.80
0.75
VS = 5V
VS = 2.7V
TEMPERATURE (°C)
Figure 7. Supply Current per Amplifier vs. Temperature
0.8
0.7
0
0.4
0.3
0.2
0.1
0.6
0.5
TA = 25°C
SUPPLY VOLTAGE (±V)
0.75
1.25
1.75
2.25
2.75
3.00
Figure 8. Supply Current per Amplifier vs. Supply Voltage
–2
–8
–50
–35
85
5
–3
–4
–5
–6
–7
–15
TEMPERATURE (°C)
25
45
65
VS = 5V
VCM = 2.5V
Figure 9. Input Offset Voltage vs. Temperature
8
2
7
6
5
4
3
TEMPERATURE (°C)
–50
–35
85
5
–15
25
45
65
VS = 2.7V, 5V
VCM = VS/2
Figure 10. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com