Electronic Components Datasheet Search
  English  ▼

X  

AD8554ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8554ARZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8554ARZ Datasheet HTML 9Page - Analog Devices AD8554ARZ Datasheet HTML 10Page - Analog Devices AD8554ARZ Datasheet HTML 11Page - Analog Devices AD8554ARZ Datasheet HTML 12Page - Analog Devices AD8554ARZ Datasheet HTML 13Page - Analog Devices AD8554ARZ Datasheet HTML 14Page - Analog Devices AD8554ARZ Datasheet HTML 15Page - Analog Devices AD8554ARZ Datasheet HTML 16Page - Analog Devices AD8554ARZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8551/AD8552/AD8554
Rev. F | Page 13 of 24
–20
100
60
–100
20
–80
–60
–40
0
40
80
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
VSY = 5.0V
ISC–
ISC+
Figure 47. Output Short-Circuit Current vs. Temperature
100
250
200
0
150
25
50
75
125
175
225
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
VSY = 2.7V
RL = 1kΩ
RL = 100kΩ
RL = 10kΩ
Figure 48. Output Voltage to Supply Rail vs. Temperature
100
250
200
0
150
25
50
75
125
175
225
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
VSY = 5.0V
RL = 1kΩ
RL = 100kΩ
RL = 10kΩ
Figure 49. Output Voltage to Supply Rail vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com