Electronic Components Datasheet Search
  English  ▼

X  

TDA8946 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8946
Description  2 x 15 W stereo Bridge Tied Load BTL audio amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8946 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8946 Datasheet HTML 1Page - NXP Semiconductors TDA8946 Datasheet HTML 2Page - NXP Semiconductors TDA8946 Datasheet HTML 3Page - NXP Semiconductors TDA8946 Datasheet HTML 4Page - NXP Semiconductors TDA8946 Datasheet HTML 5Page - NXP Semiconductors TDA8946 Datasheet HTML 6Page - NXP Semiconductors TDA8946 Datasheet HTML 7Page - NXP Semiconductors TDA8946 Datasheet HTML 8Page - NXP Semiconductors TDA8946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Philips Semiconductors
TDA8946J
2 x 15 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
4 of 23
9397 750 06863
© Philips Electronics N.V. 2000. All rights reserved.
8.
Functional description
The TDA8946J is a stereo BTL audio power amplifier capable of delivering 2
× 15 W
output power to an 8
Ω load at THD = 10%, using a 18 V power supply and an
external heatsink. The voltage gain is fixed at 32 dB.
With the three-level MODE input the device can be switched from ‘standby’ to ‘mute’
and to ‘operating’ mode.
The TDA8946J outputs are protected by an internal thermal shutdown protection
mechanism and a short-circuit protection.
8.1 Input configuration
The TDA8946J inputs can be driven symmetrical (floating) as well as asymmetrical.
In the asymmetrical mode one input pin is connected via a capacitor to the signal
ground which should be as close as possible to the SVR (electrolytic) capacitor
ground. Note that the DC level of the input pins is half of the supply voltage VCC, so
coupling capacitors for both pins are necessary.
The input cut-off frequency is:
(1)
For Ri =45kΩ and Ci = 220 nF:
(2)
As shown in Equation 1 and 2, large capacitor values for the inputs are not
necessary; so the switch-on delay during charging of the input capacitors, can be
minimized. This results in a good low frequency response and good switch-on
behaviour.
Remark: To prevent HF oscillations do not leave the inputs open, connect a capacitor
of at least 1.5 nF across the input pins close to the device.
n.c.
13
not connected
OUT2
−
14
negative loudspeaker terminal 2
GND2
15
ground channel 2
VCC2
16
supply voltage channel 2
OUT2+
17
positive loudspeaker terminal 2
Table 3:
Pin description…continued
Symbol
Pin
Description
f
i cut
off
–
()
1
2
π R
i
C
i
×
()
-----------------------------
=
f
i cut
off
–
()
1
2
π 45 10
3
×
220
×
10
9
–
×
()
-----------------------------------------------------------------
16 Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com