Electronic Components Datasheet Search
  English  ▼

X  

ISV-1/8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # ISV-1/8
Description  Vacuum security valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

ISV-1/8 Datasheet(HTML) 1 Page - Festo Corporation.

  ISV-1/8 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum security valve
ISV-1/8
Part number: 33969
General operating condition
Data sheet
Feature
Value
Size
G1/8
Ejector pulse suitability
≤8 MPa
Ejector pulse suitability
8 bar
Mounting position
Any
Symbol
00991481
Operating pressure
-0.095 MPa ... 0 MPa
Operating pressure
-0.95 bar ... 0 bar
Required suction rate at -0.5 bar
2 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
-10 °C ... 60 °C
Product weight
9 g
Type of mounting
Screw-in
Pneumatic connection 1
G1/8
Pneumatic connection 2
G1/8
Material of spring
High-alloy steel
Compressed air filter material
Wrought aluminum alloy
Stainless steel mesh
Housing material
Wrought aluminum alloy
Hollow bolt material
Wrought aluminum alloy
Float material
POM
9/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - ISV-1/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
ISV-1/4 FESTO-ISV-1/4 Datasheet
88Kb / 1P
Vacuum security valve
More results

Similar Description - ISV-1/8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
SECURITY PROCESSOR
logo
NXP Semiconductors
AZ41 PHILIPS-AZ41 Datasheet
65Kb / 3P
HIGH VACUUM FULL WAVE RECTIFYING VALVE
6.6.1953
logo
Ralston Instruments.
DPPV-0025 RALSTON-DPPV-0025 Datasheet
276Kb / 1P
DPPV Pressure / vacuum spool valve assembly, brass
logo
Broadcom Corporation.
BCM5812 BOARDCOM-BCM5812 Datasheet
943Kb / 84P
Security Processor
logo
PHOENIX CONTACT
2701875 PHOENIX-2701875 Datasheet
57Kb / 4P
Maximum security
2903440 PHOENIX-2903440 Datasheet
370Kb / 9P
Maximum security
logo
Festo Corporation.
560372 FESTO-560372 Datasheet
100Kb / 2P
Vacuum valve
4/5/22
562051 FESTO-562051 Datasheet
99Kb / 2P
Vacuum valve
4/5/22
563365 FESTO-563365 Datasheet
100Kb / 2P
Vacuum valve
4/5/22
566175 FESTO-566175 Datasheet
99Kb / 2P
Vacuum valve
4/5/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com