Electronic Components Datasheet Search
  English  ▼

X  

F18005RW Datasheet(PDF) 2 Page - Alpha Wire

Part # F18005RW
Description  18 (41/34) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

F18005RW Datasheet(HTML) 2 Page - Alpha Wire

  F18005RW Datasheet HTML 1Page - Alpha Wire F18005RW Datasheet HTML 2Page - Alpha Wire F18005RW Datasheet HTML 3Page - Alpha Wire F18005RW Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) UL
 
 
a) Component 1
MTW
90°C Dry / 60°C Wet / 600 VRMS
b) Overall
-40C
 
 
TC
90°C Dry / 90°C Wet / 600 VRMS
 
EXPOSED RUN
 
 
SUN RES
 
 
PLTC
90°C
 
OIL RES I/II
 
2) CSA International
C(RU) AWM I/II A/B
90°C / 600 VRMS
 
FT4
 
 
C(UL) CIC CONTROL
90°C / 600V VRMS
 
C(UL) TC
90°C Dry / 90°C Wet / 600V VRMS
 
-40C
 
3) Other
Conductors ASTM Class M
 
 
Conductors IEC Class 6 on AWG size
 
4) CE:
EU Low Voltage Directive 2014/35/EU
Environmental
1) CE: EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
This product complies with European Directive 2011/65/EU (RoHS
Directive) of the European Parliament and of the Council of 8 June
2011 and the amending Directive 2015/863/EU of 4 June 2015 . No
Exemptions are required for RoHS Compliance on this item.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.
Properties



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com