Electronic Components Datasheet Search
  English  ▼

X  

AO4832 Datasheet(PDF) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # AO4832
Description  Dual N-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

AO4832 Datasheet(HTML) 4 Page - BYCHIP ELECTRONICS CO., LIMITED

  AO4832 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED AO4832 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED AO4832 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED AO4832 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED AO4832 Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 7: Normalized Breakdown Voltage vs.
Junction Temperature
0.5
1.0
1.5
2.0
2.5
RDS(on)
Figure 8: Normalized on Resistance vs.
Junction Temperature
Tj ( )
℃
VDS (V)
ID(A)
0.1
1
10
100
Figure 9: Maximum Safe Operating Area
0
25
50
75
100
125
150
0
Figure 10: Maximum Continuous Drain Current
vs. Ambient Temperature
TA ( )
℃
ID(A)
0.8
1.0
1.3
Tj ( )
℃
VBR(DSS)
-100
-50
0
50
100
150
200
0.9
1.1
1.2
-100
-50
0
50
100
150
200
10μs
10ms
100ms
Figure.11: Maximum Effective
Transient Thermal Impedance, Junction-to-Ambient
100μs
1ms
DC
15
12
9
6
3
10-6
10-5
10-4
10-3
10-2
10-1
100
101
10-1
TP(s)
ZthJ-A(℃/W)
t1
t2
100
101
D=0.5
D=0.2
D=0.1
D=0.05
D=0.02
D=0.01
Single pulse
Notes:
1.Duty factor D=t1/t2
2.Peak TJ=PDM*ZthJA+TA
10-2
102
Limited by RDS(on)
TA=25℃
Single pulse
10-1
100
101
102
103
www.bychip.cn
AO4832
v4.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com