Electronic Components Datasheet Search
  English  ▼

X  

GDQSSPA1.14 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # GDQSSPA1.14
Description  The OSCONIQ P 3030 Colors family LED comes with well known superior robustness, high reliability, long lifetime, low thermal resistance.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDQSSPA1.14 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button GDQSSPA1.14 Datasheet HTML 2Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 3Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 4Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 5Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 6Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 7Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 8Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 9Page - OSRAM GmbH GDQSSPA1.14 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GD QSSPA1.14
DATASHEET
DATASHEET
6 | Version 1.4 | 2022-11-25
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PPF *
PPF *
PPF/W *
PF **
PF **
PF/W **
I
F = 350 mA
I
F = 350 mA
min.
max.
min.
max.
typ.
min.
max.
typ.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
p,b
Φ
p,b
UO
660 mW
710 mW
2.49
µmol/s
2.68
µmol/s
2.59
µmol/J
2.49
µmol/s
2.69
µmol/s
2.60
µmol/J
VJ
710 mW
765 mW
2.68
µmol/s
2.89
µmol/s
2.79
µmol/J
2.69
µmol/s
2.89
µmol/s
2.80
µmol/J
VK
765 mW
825 mW
2.89
µmol/s
3.11
µmol/s
3.01
µmol/J
2.89
µmol/s
3.12
µmol/s
3.01
µmol/J
Note: [*] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [**] Photon Flux includes wavelengths between 280 and 800 nm
Note: PPF and PF values are for reference only
Wavelength Groups
Group
Dominant Wavelength 2)
Dominant Wavelength 2)
I
F = 350 mA
I
F = 350 mA
min.
max.
λ
dom
λ
dom
W
439 nm
444 nm
2
444 nm
449 nm
3
449 nm
453 nm
4
453 nm
457 nm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
V
F
V
F
3
2.75 V
3.00 V
4
3.00 V
3.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com