Electronic Components Datasheet Search
  English  ▼

X  

GL1116 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GL1116
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL1116 Datasheet(HTML) 2 Page - GTM CORPORATION

  GL1116 Datasheet HTML 1Page - GTM CORPORATION GL1116 Datasheet HTML 2Page - GTM CORPORATION GL1116 Datasheet HTML 3Page - GTM CORPORATION GL1116 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL1116
Page: 2/4
ISSUED DATE :2005/04/18
REVISED DATE :2006/06/05C
Block Diagram
Pin Descriptions
Name
I/O
Pin#
Function
Adj (GND)
1
A resistor divider from this pin to the Vout pin and ground sets the output voltage
(Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15
ESR 20 )
must be connected from this pin to ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor (0.15
ESR 20 )
is connected from this pin to ground to insure that the input voltage does not sag
below the minimum dropout voltage during the load transient response. This pin
must always be 1.3V higher than Vout in order for the device to regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VIN
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com