Electronic Components Datasheet Search
  English  ▼

X  

413101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 413101
Description  Visible Light Detector with Analog and Digital Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

413101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  413101 Datasheet HTML 1Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 2Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 3Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 4Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 5Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 6Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 7Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 8Page - List of Unclassifed Manufacturers 413101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
413101
Visible Light Detector with Analog
and Digital Outputs
Preliminary Datasheet
Revision A
This document is the property of Semefab (Scotland) Ltd and is furnished in confidence
and upon the condition that it is neither copied nor released to a third party without prior
consent.
Page 1 of 12
DESCRIPTION
The 413101 is a low cost 4-pin visible
light sensor, with a current output which
is directly proportional to the light level.
It has a built in optical filter to provide a
response which is close to the human
eye, or “photopic”. It also has a digital
output to provide on/off switching, with
hysteresis to prevent flicker.
The output current can be converted
to a voltage by connecting it in series
with a resistor. The dynamic range is
determined by the external resistor and
power supply (e.g. 10K and 5V gives a
range of 0 to over 250 Lux, but can be
up to 1000 lux with a 1K resistor). The
internal
dark
current
cancellation
enables high accuracy over the full
temperature range, even at low light
levels.
FEATURES
•
Near human eye photopic response
•
High IR rejection – integrated optical filter
•
Current output highly linear vs light level
•
1uA per lux current output
•
External resistor sets linear lux range
•
Temperature stable
•
Integrated high gain photo-current amplifier
•
Dark-current cancellation
•
Digital output for on/off switching
•
Hysteresis to prevent flicker close to switching
threshold
APPLICATIONS
•
Dawn/dusk sensing
•
Security lighting
•
Night-lights
•
LCD backlight control
1.0 Basic application & test circuit
Figure A
VSS
ADJ
413101
DIG_OUT
VDD
Supply
The 413101 is supplied as
probed wafers.Failing die are
marked with black ink-dots.
On/Off
Signal
RSS
VADJ
Pin Description
VDD – Positive supply
ADJ – Adjust (analog output)
VSS – Ground
DIG_OUT – Digital output (on/off signal)


Similar Part No. - 413101

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4131 FESTO-4131 Datasheet
88Kb / 1P
Pressure gauge
logo
MENTOR GmbH & Co.
4131.063 MENTOR-4131.063 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.064 MENTOR-4131.064 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.073 MENTOR-4131.073 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
4131.074 MENTOR-4131.074 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
More results

Similar Description - 413101

ManufacturerPart #DatasheetDescription
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
Visible Light Detector
logo
KODENSHI_AUK CORP.
KVS-3023 KODENSHI-KVS-3023 Datasheet
130Kb / 2P
Visible Light Sensor
KOE1007 KODENSHI-KOE1007 Datasheet
163Kb / 3P
Visible Light Sensor
KVS5032 KODENSHI-KVS5032 Datasheet
446Kb / 2P
Visible Light Sensor
logo
ADTech
ADT5200 ADTECH-ADT5200 Datasheet
57Kb / 3P
Infrared light detector with digital output
logo
Texas Instruments
PGA900 TI-PGA900_15 Datasheet
1Mb / 138P
PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
Digital and analog outputs
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9801 AVAGO-APDS-9801 Datasheet
234Kb / 24P
Digital Proximity and Analog Ambient Light Sensor
logo
Texas Instruments
PGA900 TI1-PGA900 Datasheet
1Mb / 137P
PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900_18 Datasheet
2Mb / 141P
Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com