Electronic Components Datasheet Search
  English  ▼

X  

MAX301 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX301
Description  Precision, Dual, High-Speed Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX301 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX301 Datasheet HTML 1Page - Maxim Integrated Products MAX301 Datasheet HTML 2Page - Maxim Integrated Products MAX301 Datasheet HTML 3Page - Maxim Integrated Products MAX301 Datasheet HTML 4Page - Maxim Integrated Products MAX301 Datasheet HTML 5Page - Maxim Integrated Products MAX301 Datasheet HTML 6Page - Maxim Integrated Products MAX301 Datasheet HTML 7Page - Maxim Integrated Products MAX301 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PARAMETER
SYMBOL
CONDITIONS
TEMP
MIN
TYP
MAX UNITS
RANGE
(Note 2)
SWITCH
Analog-Signal Range
VANA
(Note 3)
V-
V+
V
C, E
20
35
On-Resistance
RON
TA = +25°C
M20
30
Ω
C, E
55
TA = TMIN to TMAX
M45
On-Resistance Match
TA = +25°C
C, E, M
0.5
2
Between Channels (Note 4)
RON
TA = TMIN to TMAX
C, E, M
3
Ω
On-Resistance Flatness
TA = +25°C
C, E, M
3
(Note 4)
RON
TA = TMIN to TMAX
C, E, M
5
Ω
NC or NO
C, E
-0.50
-0.01
0.50
Off-Leakage Current
NC_(OFF)
TA = +25°C
M
-0.25
-0.01
0.25
nA
or
C, E
-6
6
NO_(OFF)
TA = TMIN to TMAX
M
-20
20
C, E
-0.50
-0.01
0.50
COM Off-Leakage Current
COMOFF
TA = +25°C
M
-0.25
-0.01
0.25
nA
C, E
-6
6
TA = TMIN to TMAX
M
-20
20
C, E
-1.0
-0.04
1.0
COM On-
COMON
TA = +25°C
M
-0.4
-0.04
0.4
nA
Leakage Current
C, E
-20
20
TA = TMIN to TMAX
M
-40.0
40.0
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VL = +5V, GND = 0V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Precision, Dual, High-Speed Analog Switches
2
________________________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V-
V+.......................................................................................44V
GND ...................................................................................25V
VL .................................................................(GND-0.3V) to (V+) +0.3V
NO_, NC_, IN_, COM_ ................(V- - 2V) to (V+ + 2V) or 30mA,
..................................................................whichever occurs first
Continuous Current, COM_, NO_, NC_...............................30mA
Peak Current, COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
Continuous Power Dissipation (TA = +70°C) (Note 2)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) .....842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) .......696mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)..........800mW
20-Pin LCC (derate 9.09mW/°C above +70°C)..................727mW
Operating Temperature Ranges:
MAX30_C_ _ .......................................................0°C to +70°C
MAX30_E_ _.....................................................-40°C to +85°C
MAX30_M_ _..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on NO_, NC_, or COM_ beyond V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
I(NC or NO) = -10mA,
VCOM_ = ±10V
V+ = 15V, V- = -15V
I(NC or NO) = -10mA,
VCOM_ = ±10V
VINH = 2.4V, VINL = 0.8V
IS = -10mA
VCOM_ = ±5V
V+ = 15V, V- = -15V
VCOM_ = +15.5V,
VNC_ or VNO_ = ±15.5V,
V+ = 16.5V, V- = -16.5V
VCOM_ = ±15.5V,
VNC_ or VNO_ = +15.5V,
V+ = 16.5V, V- = -16.5V
VCOM_ = ±15.5V,
VNC_ or VNO_ = ±15.5V,
V+ = 16.5V, V- = -16.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com