Electronic Components Datasheet Search
  English  ▼

X  

189253 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 189253
Description  Vacuum suction cup holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

189253 Datasheet(HTML) 1 Page - Festo Corporation.

  189253 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum suction cup holder
ESH-HE-1-M3
Part number: 189253
General operating condition
Data sheet
Feature
Value
Nominal width
1.2 mm
Volume
0.04 cm³
Mounting position
Any
Structural design
Vacuum connection at top
Classification of suction cup holder
Size 1
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS (PWIS) conformity
VDMA24364-A1-L
Ambient temperature
-10 °C ... 60 °C
Product weight
1 g
Type of mounting
With external thread
Via vacuum connection
Suction cup mounting
Diameter 3 mm
Vacuum connection
M3
Note on materials
RoHS-compliant
Seals material
Wrought aluminum alloy
NBR
POM
Steel
Retaining bracket material
Tempered steel
9/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 189253

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
189250 FESTO-189250 Datasheet
77Kb / 1P
Vacuum suction cup holder
189251 FESTO-189251 Datasheet
76Kb / 1P
Vacuum suction cup holder
189252 FESTO-189252 Datasheet
77Kb / 1P
Vacuum suction cup holder
189254 FESTO-189254 Datasheet
79Kb / 1P
Vacuum suction cup holder
189255 FESTO-189255 Datasheet
93Kb / 1P
Vacuum suction cup holder
More results

Similar Description - 189253

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
1377752 FESTO-1377752 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
1396067 FESTO-1396067 Datasheet
91Kb / 1P
Vacuum suction cup
6/7/22
34586 FESTO-34586 Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
34587 FESTO-34587 Datasheet
85Kb / 1P
Vacuum suction cup
6/7/22
189284 FESTO-189284 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189291 FESTO-189291 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189292 FESTO-189292 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189325 FESTO-189325 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189327 FESTO-189327 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com