Electronic Components Datasheet Search
  English  ▼

X  

GL1147 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL1147
Description  a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL1147 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL1147 Datasheet HTML 1Page - GTM CORPORATION GL1147 Datasheet HTML 2Page - GTM CORPORATION GL1147 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
ISSUED DATE :2004/12/06
REVISED DATE :
G
G L
L 11114477--5500
Description
The GL1147-50 is a low dropout at positive fixed-mode regulator with minimum of 1A output current capability.
The product is specifically designed to provide well-regulated supply for low voltage IC applications such as
high -speed bus termination and low current logic supply. GL1147-50 is also well suited for other applications
such as VGA cards .GL1147-50 is guaranteed to have lower than 1.4V dropout at full load current making it
ideal to provide well-regulated outputs 5.0V with 6.4V to 12V input supply.
Features
&1.4Vmaximum dropout full load current
&Fast transient response
&Output current limiting
&Built-in thermal shutdown
&Good noise rejection
Applications
&PC peripheral
&Communication
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Typical Circuit
Block Diagram
SOT-223
1
2
3


Similar Part No. - GL1147

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
1.4Vmaximum dropout full load current
More results

Similar Description - GL1147

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010-25 UNISEM-US1010-25 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
US1010-33 UNISEM-US1010-33 Datasheet
19Kb / 3P
1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
Anachip Corp
AP1118 ANACHIP-AP1118 Datasheet
175Kb / 10P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Rev. 1.1 Feb. 15, 2005
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
1A Positive Low Dropout Fixed-mode Regulator With EN Function
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com