Electronic Components Datasheet Search
  English  ▼

X  

ADA4938-1ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4938-1ACPZ-R2
Description  Ultralow Distortion Differential ADC Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4938-1ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4938-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4938-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
ADA4938-1/ADA4938-2
Rev. B | Page 9 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, RT = 61.9 Ω, RG = RF = 200 Ω, G = +1, RL, dm = 1 kΩ, unless otherwise noted.
All measurements were performed with single-ended input and differential output, unless otherwise noted. For gains other than G = +1,
values for RF and RG are shown in Table 11.
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +2
G = +3.16
G = +5
Figure 7. Small Signal Frequency Response for Various Gains, VOUT = 0.1 V p-p
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
VS = +5V
VS = ±5V
Figure 8. Small Signal Response for Various Supplies, VOUT = 0.1 V p-p
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 9. Small Signal Frequency Response for
Various Temperatures, VOUT = 0.1 V p-p
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
G = +1
G = +2
G = +3.16
G = +5
Figure 10. Large Signal Frequency Response for Various Gains
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
VS = +5V
VS = ±5V
Figure 11. Large Signal Response for Various Supplies
3
0
–3
–6
–9
–12
1
10
100
1000
FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 12. Large Signal Frequency Response for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com