Electronic Components Datasheet Search
  English  ▼

X  

ADL5205 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5205
Description  Dual, 35 dB Range, 1 dB Step Size DGA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5205 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5205 Datasheet HTML 9Page - Analog Devices ADL5205 Datasheet HTML 10Page - Analog Devices ADL5205 Datasheet HTML 11Page - Analog Devices ADL5205 Datasheet HTML 12Page - Analog Devices ADL5205 Datasheet HTML 13Page - Analog Devices ADL5205 Datasheet HTML 14Page - Analog Devices ADL5205 Datasheet HTML 15Page - Analog Devices ADL5205 Datasheet HTML 16Page - Analog Devices ADL5205 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
ADL5205
Rev. A | Page 13 of 31
–100
–80
–60
–40
–20
0
20
40
50
500
FREQUENCY (MHz)
5000
SDD11
SDD12
SDD21
SDD22
Figure 30. Differential S-Parameters (SDD21, SDD12, SDD11, SDD22) vs.
Frequency
10M
100M
1G
FREQUENCY (Hz)
–40°C
+25°C
+85°C
Figure 31. Maximum Voltage Gain vs. Frequency over Temperature at
VPOS = 3.3 V
–30
–20
–10
0
10
20
30
10M
100M
1G
FREQUENCY (Hz)
Figure 32. Voltage Gain vs. Frequency for Various Gain Steps at VPOS = 3.3 V, Low
Power Mode
–30
–20
–10
0
10
20
30
10M
100M
1G
FREQUENCY (Hz)
Figure 33. Voltage Gain vs. Frequency for Various Gain Steps at VPOS = 5 V,
High Performance Mode
–30
–20
–10
0
10
20
30
10M
100M
1G
FREQUENCY (Hz)
Figure 34. Voltage Gain vs. Frequency for Various Gain Steps at VPOS = 3.3 V,
High Performance Mode
–30
–20
–10
0
10
20
30
10M
100M
1G
FREQUENCY (Hz)
Figure 35. Voltage Gain vs. Frequency for Various Gain Steps at VPOS = 5 V,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com