Electronic Components Datasheet Search
  English  ▼

X  

KB4863M Datasheet(PDF) 16 Page - Kingbor Technology Co

Part # KB4863M
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4863M Datasheet(HTML) 16 Page - Kingbor Technology Co

Back Button KB4863M Datasheet HTML 11Page - Kingbor Technology Co KB4863M Datasheet HTML 12Page - Kingbor Technology Co KB4863M Datasheet HTML 13Page - Kingbor Technology Co KB4863M Datasheet HTML 14Page - Kingbor Technology Co KB4863M Datasheet HTML 15Page - Kingbor Technology Co KB4863M Datasheet HTML 16Page - Kingbor Technology Co KB4863M Datasheet HTML 17Page - Kingbor Technology Co KB4863M Datasheet HTML 18Page - Kingbor Technology Co KB4863M Datasheet HTML 19Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead (0.300" Wide) Molded Small Outline Package, JEDEC
Order Number KB4863M
Package Number M16B
16-Lead (0.300" Wide) Molded Dual-In-Line Package
Order Number KB4863N
Package Number N16E
KingborTechnologyCo.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB4863
16/19
Rev: 1.1
2005-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com