Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM8065
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 7Page - Analog Devices LTM8065 Datasheet HTML 8Page - Analog Devices LTM8065 Datasheet HTML 9Page - Analog Devices LTM8065 Datasheet HTML 10Page - Analog Devices LTM8065 Datasheet HTML 11Page - Analog Devices LTM8065 Datasheet HTML 12Page - Analog Devices LTM8065 Datasheet HTML 13Page - Analog Devices LTM8065 Datasheet HTML 14Page - Analog Devices LTM8065 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTM4703
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SVIN (Pin A4): Signal VIN. This pin supplies current to the
LTM4703 internal circuitry and regulator. If connected to
a different supply other than VIN, place a 1µF local bypass
capacitor on this pin.
VOUT (Banks 1 and 2): Power Output Pins. Apply an
output load between these pins and the GND pins.
Recommend placing an output decoupling capacitor
directly between these pins and the GND pins.
GND (Bank 3 and Pin G7): Power Ground Pins for Both
Input and Output Returns.
VIN (Bank 4): Power Input Pins. Apply input voltage
between these pins and the GND pins. Recommend plac-
ing an input decoupling capacitor directly between the VIN
pins and the GND pins.
TSENSE+ (Pin B1): High-Side of the Internal Temperature
Monitor Pin. An internal diode-connected NPN transistor
is placed between the TSENSE+ and TSENSE– pins. See the
Applications Information section.
TSENSE– (Pin B2): Low-Side of the Internal Temperature
Monitor Pin.
RUN (Pin C1): Run Control Input. Enables chip operation
by connecting RUN above 1.32V (typical). Connecting it
below 0.4V shuts down the part.
COMPa (Pin C2): Output of the Internal Error Amplifier.
The voltage on this pin controls the peak switch current.
Connect the COMPa pins from different channels together
for parallel operation. Connect to COMPb to use the inter-
nal compensation. Or connect to an external RC network
to use customized compensation.
COMPb (Pin C3): Internal Compensation Network.
Connect to COMPa to use the internal compensation in
the majority of applications.
RT (Pin D1): This pin sets the oscillator frequency with
an external resistor to AGND.
AGND (Pin D2): Analog Ground. Ground return for
SYNC, RT, and COMP pins. The AGND and GND pins are
internally connected.
INTVCC (Pin D3): Internal 3.4V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
by this voltage. Do not load the INTVCC pin with external
circuitry. This pin should be floated.
SET (Pin E1): Output Voltage Set. This pin is the non-
inverting input of the error amplifier and the regulation
set-point for the LTM4703. The SET pin sources a preci-
sion 100µA current that flows through an external resistor
connected between SET and GND. The LTM4703’s output
voltage is determined by VSET = ISET • RSET. The output
voltage range is from 0.3V to 6V. Adding a capacitor from
SET to GND improves noise at the expense of increased
start-up time. For optimum load regulation, Kelvin con-
nects the ground side of the SET pin resistor directly to
the load.
PGSET (Pin E2): Power Good Set. The PG pin pulls low
if PGSET increases above 540mV or decreases below
465mV. Connecting a pull-up resistor between VOUT and
PGSET sets the programmable power good threshold
with Equation 1.
RPGSET = (2 • VOUT – 1) • 49.9k
(1)
As discussed in the Applications Information section,
PGSET also activates the fast start-up circuitry. If the
power is good and the fast start-up functionalities are not
needed, the PGSET pin must be connected to an external
0.5V. Do not float the PGSET pin.
PHMODE (Pin E3): The PHMODE pin sets the phase shift
of the clock signal of the CLKOUT pin. Connect PHMODE
to ground for a 180° phase shift, float for a 120° phase
shift, and connect high to INTVCC (~3.4V) or an external
supply >3V for a 90° phase shift.
VOSNS (Pin F1): Output Voltage Sense. This pin is the
inverting input to the error amplifier. For optimal transient
performance and load regulation, Kelvin connects VOSNS
directly to the output capacitor and the load. Also, connect
the GND connections of the output capacitor and the SET
pin capacitor directly together.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com