Electronic Components Datasheet Search
  English  ▼

X  

LTM8060 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM8060
Description  16VIN, 12A Ultralow Noise Silent Switcher 3 μModule Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8060 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM8060 Datasheet HTML 19Page - Analog Devices LTM8060 Datasheet HTML 20Page - Analog Devices LTM8060 Datasheet HTML 21Page - Analog Devices LTM8060 Datasheet HTML 22Page - Analog Devices LTM8060 Datasheet HTML 23Page - Analog Devices LTM8060 Datasheet HTML 24Page - Analog Devices LTM8060 Datasheet HTML 25Page - Analog Devices LTM8060 Datasheet HTML 26Page - Analog Devices LTM8060 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM4703
23
Rev. 0
For more information www.analog.com
PCB Layout
Most of the headaches associated with the PCB layout
have been alleviated, or even eliminated by the high level
of integration of the LTM4703. The LTM4703 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 9
for a suggested layout. Ensure that the grounding and
heat sinking are acceptable.
A few rules to keep in mind are:
1. Place CSET, RSET, and RT as close as possible to their
respective pins.
2. Place the CIN capacitor as close as possible to the PVIN/
SVIN and GND connection of the LTM4703.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM4703.
4. Place the CIN, and COUT capacitors such that their
ground current flows directly adjacent to or underneath
the LTM4703.
5. Connect all the GND connections to a copper pour or
plane area as large as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM4703.
6. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed cir-
cuit board. Pay attention to the location and density of
the thermal vias in Figure 9. The LTM4703 can benefit
from the heat sinking supplied by vias that connect to
internal GND planes at these locations, caused by their
proximity to the internal power handling components.
The optimum number of thermal vias depends upon
the printed circuit board design. For example, a board
might use very small holes. It should employ more
thermal vias than a board, which uses larger holes.
VIN
VOUT
GND
GND
VOUT
4703 F09
RPGSET
Figure 9. Layout Showing Suggested External Components, GND Plane and Thermal Vias
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com