Electronic Components Datasheet Search
  English  ▼

X  

GL2137 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GL2137
Description  CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL2137 Datasheet(HTML) 3 Page - GTM CORPORATION

  GL2137 Datasheet HTML 1Page - GTM CORPORATION GL2137 Datasheet HTML 2Page - GTM CORPORATION GL2137 Datasheet HTML 3Page - GTM CORPORATION GL2137 Datasheet HTML 4Page - GTM CORPORATION GL2137 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GL2137
Page: 3/5
ISSUED DATE :2006/05/16
REVISED DATE :
Ordering Information ( contd. )
Part Number
Marking
Output Voltage
Part Number
Marking
Output Voltage
GL2137-15
7T152
XXXX
1.5V
GL2137-18
7T182
XXXX
1.8V
GL2137-25
7T252
XXXX
2.5V
GL2137-27
7T272
XXXX
2.7V
GL2137-28
7T282
XXXX
2.8V
GL2137-29
7T292
XXXX
2.9V
GL2137-30
7T302
XXXX
3.0V
GL2137-31
7T312
XXXX
3.1V
GL2137-33
7T332
XXXX
3.3V
GL2137-34
7T342
XXXX
3.4V
GL2137-35
7T352
XXXX
3.5V
GL2137-36
7T362
XXXX
3.6V
GL2137-3.7
7T372
XXXX
3.7V
GL2137-38
7T382
XXXX
3.8V
GL2137-2H
7T2H2
XXXX
2.85V
Detailed Description
The GL2137 series of COMS regulators contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. Over-current and Thermal shutdown circuits become active when the junction temperature exceeds
150 : , or the current exceeds 750mA. During thermal shutdown, the output voltage remains low. Normal
operation is restored when the junction temperature drops below 120 : .
The GL2137 switches from voltage mode to current mode when the load exceeds the rated output current.
This prevents over-stress. The GL2137 also incorporates current fold-back to reduce power dissipation when
the output is short circuited. This feature becomes active when the output drops below 0.8V and reduces the
current flow by 65%. Full current is restored when the voltage exceeds 0.8V.
External Capacitors
The GL2137 is stable with an output capacitance to ground of 2.2 F or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are
comparatively expensive. One option is to parallel a 0.1 F ceramic capacitor with a 10 F Aluminum Electrolytic.
The benefit is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the input and ground to stabilize Vin. The input capacitor should
be at least 0.1 F to have a beneficial effect.
All capacitors should be placed in close proximity to the pins. A “Quiet” ground termination is desirable. This
can be achieved with a “Star” connection.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com