Electronic Components Datasheet Search
  English  ▼

X  

GL3055 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL3055
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL3055 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL3055 Datasheet HTML 1Page - GTM CORPORATION GL3055 Datasheet HTML 2Page - GTM CORPORATION GL3055 Datasheet HTML 3Page - GTM CORPORATION GL3055 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL3055
Page: 1/4
ISSUED DATE :2005/03/28
REVISED DATE :2006/12/12B
G
G L
L 33005555
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GL3055 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The SOT-223 package is universally preferred for all commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC converters.
Features
*Dynamic dv/dt Rating
*Simple Drive Requirement
*Repetitive Avalanche Rated
*Fast Switching
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current , VGS@10V
ID @TA=25 :
4.0
A
Continuous Drain Current , VGS@10V
ID @TA=70 :
3.2
A
Pulsed Drain Current1
IDM
20
A
Total Power Dissipation
PD @TA=25 :
2.7
W
Linear Derating Factor
0.02
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient
Max.
Rthj-a
45
: /W
BVDSS
30V
RDS(ON)
26m
ID
4A
Pb Free Plating Product
SOT-223


Similar Part No. - GL3055

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GL3019 GTM-GL3019 Datasheet
120Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GL3019 ETL-GL3019 Datasheet
122Kb / 1P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
Glenair, Inc.
GL30G GLENAIR-GL30G Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL30G1P-BC GLENAIR-GL30G1P-BC Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
GL30G2P-BC GLENAIR-GL30G2P-BC Datasheet
865Kb / 3P
Underwater Interconnect Assemblies
More results

Similar Description - GL3055

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com