Electronic Components Datasheet Search
  English  ▼

X  

GL5551 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL5551
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL5551 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL5551 Datasheet HTML 1Page - GTM CORPORATION GL5551 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
G
G L
L 55555511
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O
R
R
Description
The GL5551 is designer for general purpose applications requiring high breakdown voltages.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Total Power Dissipation
PD
1.5
W
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
180
-
-
V
IC=100uA, IE=0
BVCEO
160
-
-
V
IC=1.0Ma, IB=0
BVEBO
6
-
-
V
IE=10uA, IC=0
ICBO
-
-
50
nA
VCB=120V , IE=0
IEBO
-
-
50
nA
VEB=4V , IC=0
VCE(sat)1
-
-
0.15
V
IC=10mA, IB=1.0mA
VCE(sat)2
-
-
0.2
V
IC=50mA, IB=5mA
VBE(sat)1
-
-
1
V
IC=10mA, IB=1mA
VBE(sat)2
-
-
1
V
IC=50mA, IB=5mA
hFE1
80
-
-
VCE=5V, IC=1mA
hFE2
80
160
400
VCE=5V, IC=10mA
hFE3
50
-
-
VCE=5V, IC=50mA
fT
100
-
300
MHz
VCE=10V, IC=10mA, f=100MHz
Cob
-
-
6
pF
VCB=10V, IE=0, f=1MHz
Classification Of hFE
Rank
A
N
C
Range
80 - 200
100 - 250
160 - 400


Similar Part No. - GL5551

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL5551 ETL-GL5551 Datasheet
179Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GL5551

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com