Electronic Components Datasheet Search
  English  ▼

X  

GL6718 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GL6718
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GL6718 Datasheet(HTML) 1 Page - GTM CORPORATION

  GL6718 Datasheet HTML 1Page - GTM CORPORATION GL6718 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
1/2
ISSUED DATE :2004/12/17
REVISED DATE :
GL6718
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GL6718 is designed for general purpose medium power amplifier and switching.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage at Ta=25 :
VCBO
100
V
Collector to Emitter Voltage at Ta=25 :
VCEO
100
V
Emitter to Base Voltage at Ta=25 :
VEBO
5.0
V
Collector Current at Ta=25 :
IC
1.0
A
Total Power Dissipation at Ta=25 :
PD
1.5
W
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=100uA
BVCEO
100
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCB=80V
*VCE(sat)
-
-
350
mV
IC=350Ma, IB=35A
*hFE1
80
-
-
VCE=1V, IC=50mA
*hFE2
100
-
310
VCE=1V, IC=250mA
*hFE2
20
-
-
VCE=1V, IC=500mA
fT
50
-
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
-
20
pF
VCB=10V, f=1MHz
*Pulse Test: Pulse Width 380 s, Duty Cycle 2%
SOT-223


Similar Part No. - GL6718

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GL6718 ETL-GL6718 Datasheet
185Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GL6718

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com