Electronic Components Datasheet Search
  English  ▼

X  

TDA9610H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA9610H
Description  Audio FM processor for VHS hi-fi audio
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9610H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA9610H Datasheet HTML 30Page - NXP Semiconductors TDA9610H Datasheet HTML 31Page - NXP Semiconductors TDA9610H Datasheet HTML 32Page - NXP Semiconductors TDA9610H Datasheet HTML 33Page - NXP Semiconductors TDA9610H Datasheet HTML 34Page - NXP Semiconductors TDA9610H Datasheet HTML 35Page - NXP Semiconductors TDA9610H Datasheet HTML 36Page - NXP Semiconductors TDA9610H Datasheet HTML 37Page - NXP Semiconductors TDA9610H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
1995 Mar 21
34
Philips Semiconductors
Product specification
Audio FM processor for VHS hi-fi audio
TDA9610H
HID
51
Head Identification pulse input
for sample-and-hold circuits
EXN2
52
EXN input (External Normal
Input); mono input selectable to
linear output
FADJR
53
frequency adjustment of right
channel oscillator by means of
a variable resistor
n.c.
54
not connected; preferably
connected to ground
FMINR
55
1.7 or 1.8 MHz input for limiter
FMOUT
56
FM output
VDDA2
57
analog supply voltage (+5 V)
SYMBOL
PIN
EQUIVALENT CIRCUIT
DESCRIPTION
MKA351 - 1
2.5 V
3 k
Ω
51
MKA352 - 1
52
65 k
Ω
65 k
Ω
3.8 V
MKA353 - 1
53
CCO-current
MKA354 - 1
55
15
k
Ω
15
k
Ω
15
pF
15 pF
3.8 V
MKA355 - 1
56
50
Ω
900
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com