Electronic Components Datasheet Search
  English  ▼

X  

GLBCP56 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GLBCP56
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GLBCP56 Datasheet(HTML) 1 Page - GTM CORPORATION

  GLBCP56 Datasheet HTML 1Page - GTM CORPORATION GLBCP56 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLBCP56
1/2
ISSUED DATE :2002/11/20
REVISED DATE :2006/01/02D
G
G L
L B
B C
C P
P 5566
N
N P
P N
N S
S II LL II C
C O
O N
N E
E P
P II T
T A
A X
X II A
A LL T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GLBCP56 is designed for use in audio amplifiers and medium power amplifications.
Features
&Collector-Emitter Voltage: VCEO=80V
&Complementary to GLBCX53
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13°TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0°
10°
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature Range
TsTG
-65 ~ +150
:
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
5
V
Collect Current(DC)
IC
1
A
Total Power Dissipation
PD
1.5
W
Electrical Characteristics (Ta = 25 : )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=100uA, IE=0
BVCEO
80
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA, IC=0
ICBO
-
-
100
nA
VCB=30V, IE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)1
-
-
500
mV
IC=500mA, IB=50mA
*VBE(on)
-
-
1000
mV
IC=500mA, VCE=2V,
*hFE1
63
-
-
VCE=2V, IC=5mA
*hFE2
63
-
250
VCE=2V, IC=150mA
*hFE3
40
-
-
VCE=2V, IC=500mA
fT
100
-
-
MHz
VCE=5V, IC=10mA
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE2
Rank
10
16
Range
63 - 160
100 - 250
SOT-223


Similar Part No. - GLBCP56

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
More results

Similar Description - GLBCP56

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com